Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RTC-51 Datasheet(PDF) 1 Page - Kingbright Corporation

Part No. RTC-51
Description  HOUSING FOR LED LAMP
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KINGBRIGHT [Kingbright Corporation]
Direct Link  http://www.us.kingbright.com
Logo KINGBRIGHT - Kingbright Corporation

RTC-51 Datasheet(HTML) 1 Page - Kingbright Corporation

  RTC-51 Datasheet HTML 1Page - Kingbright Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPEC NO: KDA0719
REV NO: V.1
DATE: NOV/09/2001
PAGE: 1 OF 1
APPROVED : J. Lu
CHECKED :
DRAWN: Z.W.Yan
HOUSING FOR LED LAMP
RTC-51
Features
!
SUITABLE FOR BACK PANEL ILLUMINATION,
CIRCUIT BOARD INDICATOR, LED INDICATOR.
!
BESIDES COLORED DIFFUSED, WATER CLEAR
AND TRANSPARENT PACKAGE ARE ALSO AVAILABLE.
!
UL RATING : 94V-0.
!
HOUSING MATERIAL: TYPE 66 NYLON.
Package Dimensions
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25(0.01") unless otherwise noted.
3. Lead spacing is measured where the lead emerge package.
4. Specifications are subject to change without notice.


Html Pages

1 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
TLRH4450 Resistor LED for 5 V Supply Voltage 1  2  3  4  5  More Vishay Siliconix
LTST-S220GKT LED for Side looking special for LCD backlight 1  2  3  4  5  More Lite-On Technology Corporation
STLD40D White led power supply for large display backlight 1  2  3  4  5  More STMicroelectronics
QTLP650C-2 SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1  2  3  4  5  More Fairchild Semiconductor
SEL1013 5phi Inverted-cone LED for surface illumination 1  Sanken electric
AP3216SYCK 3.2x1.6mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
SEL2013 3phi Inverted-cone LED for surface illumination 1  Sanken electric
SEL6013 3phi Inverted-cone LED for surface illumination Direct Mount 1  Sanken electric
KP-1608SYC 1.6x0.8mm SMD CHIP LED LAMP 1  2  3  4  Kingbright Corporation
GF9103 Over-Sampling Color Space Converter for Video Monitoring 1  2  3  4  5  More Gennum Corporation

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn