Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC12181 Datasheet(PDF) 4 Page - Motorola, Inc

Part No. MC12181
Description  125 - 1000 MHZ FREQUENCY SYNTHESIZER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12181 Datasheet(HTML) 4 Page - Motorola, Inc

  MC12181 Datasheet HTML 1Page - Motorola, Inc MC12181 Datasheet HTML 2Page - Motorola, Inc MC12181 Datasheet HTML 3Page - Motorola, Inc MC12181 Datasheet HTML 4Page - Motorola, Inc MC12181 Datasheet HTML 5Page - Motorola, Inc MC12181 Datasheet HTML 6Page - Motorola, Inc MC12181 Datasheet HTML 7Page - Motorola, Inc MC12181 Datasheet HTML 8Page - Motorola, Inc MC12181 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
MC12181
4
MOTOROLA RF/IF DEVICE DATA
ELECTRICAL CHARACTERISTICS (VCC = 2.7 to 5.5 V; VP = VCC to 6.0 V; TA = –40 to +85°C, unless otherwise noted.)
Characteristic
Symbol
Min
Typ
Max
Unit
Condition
Supply Current for VCC
ICC
4.0
5.5
mA
Note 1
Supply Current for VP
IP
0.25
0.5
mA
Note 1
Input Frequency Range
OSCin
5
25
MHz
Note 2
RF Input Frequency Range
Fin
125
1000
MHz
Note 3
Fin Input Sensitivity
Vin
100
1000
mVpp
Note 4
OSCin Input Sensitivity
VOSC
500
2200
mVpp
Note 4
Output Source Current (Do)
IOH
–2.8
–2.2
–2.0
mA
Note 5
–2.4
–2.0
–1.6
Note 6
Output Sink Current (Do)
IOL
2.0
2.4
2.8
mA
Note 5
1.6
2.0
2.4
Note 6
Output Leakage Current (Do)
IOZ
0.5
10
nA
VCC=5.5; VP = 6.0 V;
VDo=0.5 to 5.5 V
Charge Pump Operating Volt
VDo
0.5
VP–0.5
V
Input HIGH Voltage
Reset, A, B, C, D
VIH
0.7 VCC
V
Input LOW Voltage
Reset, A, B, C, D
VIL
0.3 VCC
V
Input HIGH Current
A, B, C, D
IIH
+1
µA
Reset
+100
Input LOW Current
A, B, C, D
IIL
–100
µA
Reset
–1
+1
Output Amplitude
(Pout, Rout)
Vout
250
400
mVpp
Note 7
NOTES: 1. VCC and VP = 5.5 V; Fin = 1.0 GHz; OSCin = 25 MHz; Do open.
2. Assumes C1 and C2 (Figure 2) limited to ≤30 pF each including stray capacitance in crystal mode, ac coupled input for external reference mode.
3. AC coupling, Fin measured with a 1000pF capacitor.
4. Signal ac coupling in input.
5. VCC = 5.5 V; VP = 6.0 V; VDO = 3.0 V.
6. VP = VCC = 3.0 V; VDO = 1.5 V.
7. Minimum resistor value of 25 k
Ω to ground.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn