Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC12181 Datasheet(PDF) 3 Page - Motorola, Inc

Part No. MC12181
Description  125 - 1000 MHZ FREQUENCY SYNTHESIZER
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  MOTOROLA [Motorola, Inc]
Homepage  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc

MC12181 Datasheet(HTML) 3 Page - Motorola, Inc

  MC12181 Datasheet HTML 1Page - Motorola, Inc MC12181 Datasheet HTML 2Page - Motorola, Inc MC12181 Datasheet HTML 3Page - Motorola, Inc MC12181 Datasheet HTML 4Page - Motorola, Inc MC12181 Datasheet HTML 5Page - Motorola, Inc MC12181 Datasheet HTML 6Page - Motorola, Inc MC12181 Datasheet HTML 7Page - Motorola, Inc MC12181 Datasheet HTML 8Page - Motorola, Inc MC12181 Datasheet HTML 9Page - Motorola, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
MC12181
3
MOTOROLA RF/IF DEVICE DATA
Figure 2. Typical Applications Example
16
1
OSCin
A
15
2
OSCout
B
14
3
VP
C
13
4
VCC
D
12
5
Do
Pout
11
6
GND
Reset
10
7
Fin
Rout
9
8
Fin
GND
R1
C2
C1
0.1
µF
100 pF
VP
0.1
µF
100 pF
VCC
1000 pF
Passive
Filter
VCO
1000 pF
NC
NC
CMOS Logic
Levels or VCC
and/or GND
R1 is 50 k
Ω (Nominal)
C1/C2 depend on crystal selected
Figure 3. Typical Passive Loop Filter Topology
Do
RO
CO
CA
CX
RX
VCO Input
RECOMMENDED OPERATING CONDITIONS
Parameter
Symbol
Min
Max
Unit
Supply Range
VCC
2.7
5.5
VDC
Maximum Supply Range
VCCmax
–6.0
VDC
Maximum Charge Pump Voltage
VPmax
VCC to +6.0
VDC
Temperature Ambient
TA
–40
85
°C
Storage Temperature
TSTG
–65
150
°C
Maximum Input Signal (Any Pin)
Vinmax
VCC+0.5 V
VDC


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn