Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

FMS6502 Datasheet(PDF) 6 Page - Fairchild Semiconductor

Part No. FMS6502
Description  8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
Download  13 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

FMS6502 Datasheet(HTML) 6 Page - Fairchild Semiconductor

Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6502 Rev. 1.0.0
6
I2C BUS Characteristics
TA = 25°C, Vcc = 5V unless otherwise noted.
Note:
1. 100% tested at 25°C.
Figure 3. I2C Bus Timing
Symbol
Parameter
Conditions
Min.
Typ.
Max.
Unit
Vil
Digital Input Low1
SDA,SCL,ADDR
0
1.5
V
Vih
Digital Input High1
SDA,SCL,ADDR
3.0
Vcc
V
fSCL
Clock Frequency
SCL
100
kHz
tr
Input Rise Time
1.5V to 3V
1000
ns
tf
Input Fall Time
1.5V to 3V
300
ns
tlow
Clock Low Period
4.7
µs
thigh
Clock High Period
4.0
µs
tSU,DAT
Data Set-up Time
300
ns
tHD,DAT
Data Hold Time
0
ns
tSU,STO
Set-up Time from Clock High to Stop
4
µs
tBUF
Start Set-up Time following a Stop
4.7
µs
tHD,STA
Start Hold Time
4
µs
tSU,STA
Start Set-up Time following Clock Low to High
4.7
µs
SDA
SCL
SDA
tBUF
tLOW
t
tHD,STA
tr
t
HD,DAT
t
HIGH
tSU,DAT
tSU,STO
tSU,STA
f


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn