Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FMS6502 Datasheet(PDF) 4 Page - Fairchild Semiconductor

Part # FMS6502
Description  8-Input, 6-Output Video Switch Matrix with Output Drivers, Input Clamp, and Bias Circuitry
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FMS6502 Datasheet(HTML) 4 Page - Fairchild Semiconductor

  FMS6502 Datasheet HTML 1Page - Fairchild Semiconductor FMS6502 Datasheet HTML 2Page - Fairchild Semiconductor FMS6502 Datasheet HTML 3Page - Fairchild Semiconductor FMS6502 Datasheet HTML 4Page - Fairchild Semiconductor FMS6502 Datasheet HTML 5Page - Fairchild Semiconductor FMS6502 Datasheet HTML 6Page - Fairchild Semiconductor FMS6502 Datasheet HTML 7Page - Fairchild Semiconductor FMS6502 Datasheet HTML 8Page - Fairchild Semiconductor FMS6502 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
© 2006 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FMS6502 Rev. 1.0.0
4
Digital Interface
The I2C-compatibe interface is used to program output
enables, input-to-output routing, and input bias configu-
ration. The I2C address of the FMS6502 is 0x06 (0000
0110) with the ability to offset based upon the values of
the ADDR0 and ADDR1 inputs. Offset addresses are
defined below:
Data and address data of eight bits each are written to
the FMS6502 I2C address register to access control
functions.
For efficiency, a single data register is shared between
two outputs for input selection. More than one output can
select the same input channel for one-to-many routing.
The clamp / bias control bits are written to their own
internal address since they should remain the same
regardless of signal routing. They are set based on the
input signal that is connected to the FMS6502.
All undefined addresses may be written without effect.
Output Control Register Contents and Defaults
Output Control Register MAP
Clamp Control Register Contents and Defaults
Clamp Control Register Map
Gain Control Register Contents and Defaults
Gain Control Register Map
Note:
1. When the OFF input selection is used, the output amplifier is powered down and enters a high-impedance state.
ADDR1
ADDR0
Binary
Hex
0
0
0000 0110
0x06
0
1
0100 0110
0x46
1
0
1000 0110
0x86
1
1
1100 0110
0xC6
Control Name
Width
Type
Default
Bit(s)
Description
In-A
4 bits
Write
0
3:0
Input selected to drive this output:
0000=OFF1, 0001=IN1, 0010=IN2, 1000=IN8
In-B
4 bits
Write
0
7:4
Input selected to drive this output:
0000=OFF1, 0001=IN1, 0010=IN2, 1000=IN8
Name
Address
Bit 7
Bit 6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
OUT1,2
0x00
B3-Out2
B2-Out2
B1-Out2
B0-Out2
B3-Out1
B2-Out1
B1-Out1
B0-Out1
OUT3,4
0x01
B3-Out4
B2-Out4
B1-Out4
B0-Out4
B3-Out3
B2-Out3
B1-Out3
B0-Out3
OUT5,6
0x02
B3-Out6
B2-Out6
B1-Out6
B0-Out6
B3-Out5
B2-Out5
B1-Out5
B0-Out5
Control Name
Width
Type
Default
Bit(s)
Description
Clmp
1 bit
Write
0
7:0
Clamp / Bias selection: 1 = Clamp, 0 = Bias
Name
Address
Bit 7
Bit 6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
CLAMP
0x03
Clmp8
Clmp7
Clmp6
Clmp5
Clmp4
Clmp3
Clmp2
Clmp1
Control Name
Width
Type
Default
Bit(s)
Description
Gain
1 bit
Write
0
7:0
Output Gain selection: 0 = 6dB, 1 = 0dB
Name
Address
Bit 7
Bit 6
Bit5
Bit4
Bit3
Bit2
Bit1
Bit0
GAIN
0x04
Unused
Unused
Gain6
Gain5
Gain4
Gain3
Gain2
Gain1


Similar Part No. - FMS6502

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
FMS6502MTC24 ONSEMI-FMS6502MTC24 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
FMS6502MTC24X ONSEMI-FMS6502MTC24X Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
More results

Similar Description - FMS6502

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FMS6501 FAIRCHILD-FMS6501_06 Datasheet
361Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501 Datasheet
166Kb / 16P
   12 Input 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
FMS6501 FAIRCHILD-FMS6501_07 Datasheet
311Kb / 14P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
Renesas Technology Corp
H838776 RENESAS-H838776 Datasheet
3Mb / 594P
   12 Input / 9 Output Video Switch Matrix with Input Clamp, Input Bias Circuitry, and Output Drivers
logo
ON Semiconductor
FMS6502 ONSEMI-FMS6502 Datasheet
660Kb / 15P
   8-Input, 6-Output Video Switch Matrix
January 2007 Rev. 1.0.0
FMS6501A ONSEMI-FMS6501A Datasheet
987Kb / 16P
   12x9 Video Switch Matrix with Input Clamp
January 2013 Rev. 1.0.0
FMS6501 ONSEMI-FMS6501 Datasheet
433Kb / 16P
   12 Input / 9 Output Video Switch Matrix
April 2007 Rev. 1.0.4
logo
Mitsumi Electronics, Co...
MM1140 MITSUMI-MM1140 Datasheet
102Kb / 6P
   6-Input 1-Output Video Switch
MM1111 MITSUMI-MM1111 Datasheet
231Kb / 10P
   2-Input 1-Output Video Switch / 3-Input 1-Output Video Switch
MM1389 MITSUMI-MM1389 Datasheet
108Kb / 7P
   Pedestal Clamp 2-Input 1-Output 3-Circuit Video Switch
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com