Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MC2837 Datasheet(PDF) 1 Page - Isahaya Electronics Corporation

Part No. MC2837
Description  FOR HIGH SPEED SWITCHING APPLICATION SILICON EPITAXIAL TYPE(SERIES TYPE)
Download  3 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ISAHAYA [Isahaya Electronics Corporation]
Homepage  http://www.idc-com.co.jp
Logo ISAHAYA - Isahaya Electronics Corporation

MC2837 Datasheet(HTML) 1 Page - Isahaya Electronics Corporation

  MC2837 Datasheet HTML 1Page - Isahaya Electronics Corporation MC2837 Datasheet HTML 2Page - Isahaya Electronics Corporation MC2837 Datasheet HTML 3Page - Isahaya Electronics Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
DESCRIPTION
MC2837 is a super mini package plastic seal type silicon
epitaxial type double diode,especially designed for high speed switching
application.
Due to the small pin capacitance,short switching time(reverse
recovery
time),It is most suitable for high speed switching application and
limitter,clipper application.
FEATURE
●Small pin capacitance
●Quick switching time
●High voltage
●Series connected two elements
●Good two element characteristics
●Double and super mini package for mounting
APPLICATION
For general high speed switching of audio machine,VCR.
〈SMALL-SIGNAL DIODE〉
MC2837
FOR HIGH SPEED SWITCHING APPLICATION
SILICON EPITAXIAL TYPE(SERIES TYPE)
OUTLINE DRAWING
Unit:mm
Note)
The dimension without tolerance represent central value.
MAXIMUM RATINGS(Ta=25℃)
Symbol
Parameter
Ratings
Unit
V
RM
Peak reverse voltage
85
V
V
R
DC reverse voltage
80
V
I
FM
Peak forward current
300
mA
I
O
Average rectificationcurrent
100
mA
I
FSM
Surge current(10msec)
2
A
P
T
Total allowance dissipation(Ta=25℃)
150
mW
T
j
Junction temperature
+125
T
stg
Storage temperature
-55~+125
JEITA:SC-59
JEDEC:TO-236 resemblace
TERMINAL CONNECTER
①:ANODE1
②:CATHODE2
③:CATHODE1+ANODE2
0.5
1.5
0.5
2.5
内部接続
ーキン
グ図
D1
D2
A 0
ISAHAYA ELECTRONICS CORPORATION


Html Pages

1  2  3 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn