Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2114R Datasheet(PDF) 6 Page - Renesas Technology Corp

Part No. HAT2114R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2114R Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button HAT2114R Datasheet HTML 2Page - Renesas Technology Corp HAT2114R Datasheet HTML 3Page - Renesas Technology Corp HAT2114R Datasheet HTML 4Page - Renesas Technology Corp HAT2114R Datasheet HTML 5Page - Renesas Technology Corp HAT2114R Datasheet HTML 6Page - Renesas Technology Corp HAT2114R Datasheet HTML 7Page - Renesas Technology Corp HAT2114R Datasheet HTML 8Page - Renesas Technology Corp HAT2114R Datasheet HTML 9Page - Renesas Technology Corp HAT2114R Datasheet HTML 10Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
HAT2114R, HAT2114RJ
Rev.1.00, Oct.06.2003, page 6 of 9
0.1
0.3
1
3
10
30
100
Body-Drain Diode Reverse
Recovery Time
010
20
30
40
50
2000
5000
1000
100
200
500
Typical Capacitance vs.
Drain Source Voltage
100
80
60
40
20
0
20
16
12
8
4
816
24
32
40
0
Dynamic Input Characteristics
1000
500
50
100
20
10
200
1000
300
30
100
3
10
1
0.1
0.3
1
3
10
30
100
Switching Characteristics
di / dt = 100 A /
µs
VGS = 0, Ta = 25°C
10
20
50
VGS = 0
f = 1 MHz
Ciss
Coss
Crss
ID = 6 A
VGS
VDS
VDD = 50V
25V
10V
VDD = 50 V
25 V
10 V
VGS = 10 V, VDD = 30 V
PW = 5
µs, duty < 1 %
tr
td(on)
td(off)
Reverse Drain Current
IDR (A)
Drain Source Voltage VDS
(V)
Gate Charge
Qg (nc)
Drain Current
ID (A)
tf


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn