Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2114R Datasheet(PDF) 5 Page - Renesas Technology Corp

Part No. HAT2114R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  RENESAS [Renesas Technology Corp]
Homepage  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2114R Datasheet(HTML) 5 Page - Renesas Technology Corp

  HAT2114R Datasheet HTML 1Page - Renesas Technology Corp HAT2114R Datasheet HTML 2Page - Renesas Technology Corp HAT2114R Datasheet HTML 3Page - Renesas Technology Corp HAT2114R Datasheet HTML 4Page - Renesas Technology Corp HAT2114R Datasheet HTML 5Page - Renesas Technology Corp HAT2114R Datasheet HTML 6Page - Renesas Technology Corp HAT2114R Datasheet HTML 7Page - Renesas Technology Corp HAT2114R Datasheet HTML 8Page - Renesas Technology Corp HAT2114R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
HAT2114R, HAT2114RJ
Rev.1.00, Oct.06.2003, page 5 of 9
Static Drain to Source on State Resistance
vs. Drain Current
Static Drain to Source on State Resistance
vs. Temperature
0.1
0.3
1
3
10
30
100
50
20
5
10
1
2
0.5
Forward Transfer Admittance vs.
Drain Current
Drain to Source Saturation Voltage vs.
Gate to Source Voltage
25
°C
Tc = -25
°C
75
°C
VDS = 10 V
Pulse Test
Drain Current ID (A)
Case Temperature
Tc
(
°C)
Drain Current ID (A)
Gate to Source Voltage
VGS (V)
0.3
0.2
0.1
0
510
15
20
2 A
1 A
ID = 5 A
1
10
100
3
30
1.0
0.2
0.5
0.1
0.02
0.01
0.05
VGS = 4.5 V
10 V
Pulse Test
0.10
0.08
0.06
0.04
0.02
-40
0
40
80
120
160
0
VGS = 4.5 V
10 V
1, 2 ,5A
1, 2, 5 A
Pulse Test
Pulse Test


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn