Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

HAT2114R Datasheet(PDF) 4 Page - Renesas Technology Corp

Part No. HAT2114R
Description  Silicon N Channel Power MOS FET High Speed Power Switching
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HAT2114R Datasheet(HTML) 4 Page - Renesas Technology Corp

  HAT2114R Datasheet HTML 1Page - Renesas Technology Corp HAT2114R Datasheet HTML 2Page - Renesas Technology Corp HAT2114R Datasheet HTML 3Page - Renesas Technology Corp HAT2114R Datasheet HTML 4Page - Renesas Technology Corp HAT2114R Datasheet HTML 5Page - Renesas Technology Corp HAT2114R Datasheet HTML 6Page - Renesas Technology Corp HAT2114R Datasheet HTML 7Page - Renesas Technology Corp HAT2114R Datasheet HTML 8Page - Renesas Technology Corp HAT2114R Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
HAT2114R, HAT2114RJ
Rev.1.00, Oct.06.2003, page 4 of 9
Main Characteristics
4.0
3.0
2.0
1.0
0
50
100
150
200
Power vs. Temperature Derating
Typical Transfer Characteristics
Typical Output Characteristics
1 Drive
O
peration
Note 6: When using the glass epoxy board
(FR4 40
× 40 × 1.6 mm)
Case Temperature
Ta (
°C)
Gate to Source Voltage
VGS (V)
Drain to Source voltage
VDS (V)
10
8
6
4
2
0
24
6
8
10
4 V
10 V
3 V
VGS = 2.5 V
Pulse Test
10
8
6
4
2
0
12
34
5
Tc = 75
°C
25
°C
−25°C
VDS = 10 V
Pulse Test
0.003
0.001
10
3
1
0.3
0.1
0.03
0.01
0.1
0.3
1
3
10
Maximum Safe Operation Area
30
100
100
30
100
µs
10
µs
1 ms
Ta = 25
°C
1 shot Pulse
1 Drive Operation
PW
= 10
ms
Note
6
DC
Operation
(PW
< 10
s)
Drain to Source Voltage
VDS (V)
Test condition.
When using the glass epoxy board.
(FR4 40 x 40 x 1.6 mm), (PW
≤ 10s)
Operation in
this area is
limited by RDS(on)


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn