Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT050103L500 Datasheet(PDF) 19 Page - Sharma Electro Components,Inc

Part # MKT050103L500
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT050103L500 Datasheet(HTML) 19 Page - Sharma Electro Components,Inc

Back Button MKT050103L500 Datasheet HTML 15Page - Sharma Electro Components,Inc MKT050103L500 Datasheet HTML 16Page - Sharma Electro Components,Inc MKT050103L500 Datasheet HTML 17Page - Sharma Electro Components,Inc MKT050103L500 Datasheet HTML 18Page - Sharma Electro Components,Inc MKT050103L500 Datasheet HTML 19Page - Sharma Electro Components,Inc MKT050103L500 Datasheet HTML 20Page - Sharma Electro Components,Inc MKT050103L500 Datasheet HTML 21Page - Sharma Electro Components,Inc MKT050103L500 Datasheet HTML 22Page - Sharma Electro Components,Inc MKT050103L500 Datasheet HTML 23Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 29 page
background image
Capacitance
µF
code
0.001 102
0.0012 122
0.0015 152
0.0018 182
0.0022 222
0.0027 272
0.0033 332
0.0039 392
0.0047 472
0.0056 562
0.0068 682
0.0082 822
0.010 103
0.012 123
0.015 153
0.018 183
0.022 223
0.027 273
0.033 333
0.039 393
0.047 473
0.056 563
0.068 683
0.082 823
0.10
104
0.12
124
0.15
154
0.18
184
0.22
224
0.27
274
0.33
334
0.39
394
0.47
474
0.56
564
0.68
684
0.82
824
1.0
105
50/63VDC
Tmax
Hmax
Wmax
P
d
3.2
5.0
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.3
6.8
5.0
0.5
3.2
5.3
6.8
5.0
0.5
3.2
5.5
6.8
5.0
0.5
3.2
5.5
6.8
5.0
0.5
3.5
6.5
6.8
5.0
0.5
4.0
7.0
6.8
5.0
0.5
4.0
7.0
6.8
5.0
0.5
4.3
8.0
6.8
5.0
0.5
4.8
8.0
6.8
5.0
0.5
5.0
9.0
6.8
5.0
0.5
5.5
9.5
6.8
5.0
0.5
5.8
9.5
6.8
5.0
0.5
6.3
10.5
6.8
5.0
0.5
6.3
10.5
6.8
5.0
0.5
6.3
10.5
6.8
5.0
0.5
100VDC
Tmax
Hmax
Wmax
P
d
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.0
6.8
5.0
0.5
3.2
5.3
6.8
5.0
0.5
3.2
5.3
6.8
5.0
0.5
3.2
5.5
6.8
5.0
0.5
3.2
5.5
6.8
5.0
0.5
3.5
6.5
6.8
5.0
0.5
4.0
7.0
6.8
5.0
0.5
4.0
7.0
6.8
5.0
0.5
4.3
8.0
6.8
5.0
0.5
4.8
8.0
6.8
5.0
0.5
5.0
9.0
6.8
5.0
0.5
5.5
9.5
6.8
5.0
0.5
5.8
9.5
6.8
5.0
0.5
6.3
10.5
6.8
5.0
0.5
6.3
10.5
6.8
5.0
0.5
6.3
10.5
6.8
5.0
0.5
Sharma Film Capacitors
Tel: (949) 642-7324
SECI Engineers & Buyers' Guide
Fax: (949) 642- 7327


Similar Part No. - MKT050103L500

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results

Similar Description - MKT050103L500

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com