Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ936 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part No. AZ936
Description  10 AMP LOW PROFILE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC2 [List of Unclassifed Manufacturers]
Homepage  
Logo 

AZ936 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

   
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ZETTLER electronics
Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com
2000-04-21
AZ936
GENERAL DATA
Life Expectancy
Minimum operations
Mechanical
1 x 107
Electrical
1 x 105 at rated load
Operate Time (typical)
10 ms at nominal coil voltage
Release Time (typical)
2 ms at nominal coil voltage
(with no coil suppression)
Dielectric Strength
1500 Vrms coil to contact
(at sea level for 1 min.) 1000 Vrms contact to contact
Insulation
1000 megohms min. at 20°C, 500 VDC,
Resistance
50% RH
Dropout
Greater than 5% of nominal coil voltage
Ambient Temperature
At nominal coil voltage
Operating
-40°C (-40°F) to 70°C (158°F)
Storage
-40°C (-42°F) to 115°C (239°F)
Vibration
0.062" DA at 10–55 Hz
Shock
10 g
Enclosure
P.B.T. polyester
Terminals
Tinned copper alloy, P.C.
Max. Solder Temp.
270°C (518°F)
Max. Solder Time
5 seconds
Max. Solvent Temp.
80°C (176°F)
Max. Immersion Time
30 seconds
Weight
5 grams
10 AMP LOW PROFILE
POWER RELAY
FEATURES
• High power switching (2000 VA)
• High sensitivity, 190 mW pickup
• Low profile (less than .25" height)
• SPST (1 Form A)
• DC coils up to 100 VDC
• UL file E44211, CSA file 720514
• TÜV file BL991234205002
CONTACTS
Arrangement
SPST (1 Form A)
Ratings
Resistive load:
Max. switched power: 240 W, 2000 VA
Max. switched current: 10 A
Max. switched voltage: 250 VAC/110 VDC
Rated Load
UL, CSA
10 A at 125 VAC, resistive
8 A at 250/30 VDC, resistive
1
/10 HP 125 VAC
1
/10 HP 250 VAC
TÜV
10 A at 125 VAC, resistive
8 A at 250 VAC, 30 VDC, resistive
Min. Load
5 VDC, 0.1 A
Material
Silver tin oxide
Resistance
< 100 milliohms initially
(6 V, 1 A voltage drop method)
COIL
Power
At Pickup Voltage
(typical)
190 mW
Max. Continuous
Dissipation
1.2 W at 20°C (68°F)
Temperature Rise
20°C (36°F) at nominal coil voltage
Temperature
Max. 115°C (239°F)
NOTES
1. All values at 20°C (68°F).
2. Relay may pull in with less than “Must Operate” value.
3. Specifications subject to change without notice.


Html Pages

1  2 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn