Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

AZ936 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part No. AZ936
Description  10 AMP LOW PROFILE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

AZ936 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  AZ936 Datasheet HTML 1Page - List of Unclassifed Manufacturers AZ936 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2000-04-21
ZETTLER electronics
Telephone +44 (0) 1582 599 600 Fax +44 (0) 1582 599 700
Logistic Design (UK) Limited. Unit 3, Eagle Centre Way, Luton LU4 9US www.zettlerrelay.com sales@zettlerrelay.com
AZ936
RELAY ORDERING DATA
COIL SPECIFICATIONS SPST-NO (1 Form A)
ORDER NUMBER
Nominal Coil
Must Operate
Max. Continuous
Coil Resistance
Unsealed
Sealed
VDC
VDC
VDC
±10%
3
2.4
3.9
30
AZ936–1A–3D
AZ936–1A–3DE
5
4.0
6.5
83
AZ936–1A–5D
AZ936–1A–5DE
6
4.8
7.8
120
AZ936–1A–6D
AZ936–1A–6DE
9
7.2
11.7
270
AZ936–1A–9D
AZ936–1A–9DE
12
9.6
15.6
480
AZ936–1A–12D
AZ936–1A–12DE
24
19.2
31.2
1920
AZ936–1A–24D
AZ936–1A–24DE
48
33.6
52.8
4608
AZ936–1A–48D
AZ936–1A–48DE
100
70.0
110.0
20,000
AZ936–1A–100D
AZ936–1A–100DE
MECHANICAL DATA
Dimensions in inches with metric equivalents in parentheses. Tolerance: ±0.010"
1
4
2
3
4
3
1
2
PC BOARD LAYOUT
WIRING DIAGRAM
VIEWED TOWARD TERMINALS
VIEWED TOWARD TERMINALS
1
2
4
3
[10.2]
.400
[ø0.9]
2xø.035
[2.1]
.083
[12.7]
.500
[ø1.3]
2xø.051
[1.6]
.065
[17.8]
.700
[0.4]
.016
[6.4]
.252
[0.3]
2x.012
[3.6]
.142
[0.8]
2x.020 SQ.
[22.0]
.866
[1.0]
2x.040
[12.7]
.500
[16.0]
.630


Html Pages

1  2 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
AD8538 Low Power Precision Auto-Zero Op Amp 1  2  3  4  5  More Analog Devices
ADA4853-1 Low Power Rail-to-Rail Output Video Op Amp with Ultralow Power Disable 1  2  3  4  5  More Analog Devices
LA4190 2-CHANNEL AF POWER AMP FOR TAPE RECORDER RADIO 1  Sanyo Semicon Device
NB2879A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
AD9387NK High Performance Low Power HDMI™/DVI Transmitter 1  2  3  4  5  More Analog Devices
A2543B LOW PROFILE ANTENNA 440-512 MHz 3dB gain 1  List of Unclassifed Manufacturers
LP101 25/30 WATT Low Profile 1  2  List of Unclassifed Manufacturers
NB2969A Low Power Reduced EMI Clock Synthesizer 1  2  3  4  5  More ON Semiconductor
2SA1284 FOR LOW FREQUENCY POWER AMPLIFY APPLICATION SILICON PNP EPITAXIAL TYPE 1  2  3  4  Isahaya Electronics Corporation
ZX5T953G 100V PNP MEDIUM POWER LOW SATURATION TRANSISTOR IN SOT223 1  2  3  4  5  More Zetex Semiconductors

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn