Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MKT050102M500 Datasheet(PDF) 16 Page - Sharma Electro Components,Inc

Part # MKT050102M500
Description  FILM CAPACITORS
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHARMA [Sharma Electro Components,Inc]
Direct Link  http://www.sharmacomponents.com
Logo SHARMA - Sharma Electro Components,Inc

MKT050102M500 Datasheet(HTML) 16 Page - Sharma Electro Components,Inc

Back Button MKT050102M500 Datasheet HTML 12Page - Sharma Electro Components,Inc MKT050102M500 Datasheet HTML 13Page - Sharma Electro Components,Inc MKT050102M500 Datasheet HTML 14Page - Sharma Electro Components,Inc MKT050102M500 Datasheet HTML 15Page - Sharma Electro Components,Inc MKT050102M500 Datasheet HTML 16Page - Sharma Electro Components,Inc MKT050102M500 Datasheet HTML 17Page - Sharma Electro Components,Inc MKT050102M500 Datasheet HTML 18Page - Sharma Electro Components,Inc MKT050102M500 Datasheet HTML 19Page - Sharma Electro Components,Inc MKT050102M500 Datasheet HTML 20Page - Sharma Electro Components,Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 29 page
background image
Description
Symbol
Dimensions (mm)
Lead Spacing 7.5mm
Toll
Lead wire diameter
Фd
0.6
±0.05
Taping pitch
P
12.7
±0.1
Sprocket hole pitch
P0
12.7
±0.2
Centering of the lead wire
P
3.75
±0.5
Centering of th
e body
P2
0
-
Lead spacing
F
7.5
±0.8
Component alignment
∆h
0
±2.0
Height from sprocket hol
e
H1
20.0
±0.5
Height
H
16.0
±0.5
Center to the comp body
L
11.0
±0.5
Tape width
W
18.0
+1.0-0.5
Wi
dth of adhesive tape
W0
13.0
±0.5
Sprocket hole alignment
W1
9.0
±0.5
Posi
tion of adhesive tape
W2
3max
Sprocket hole diameter
D0
4.0
±0.2
Tape thickness
T
0.7
±0.2
Standard Packing Quantity For Box
Sharma Film Capacitors
Tel: (949) 642-7324
SECI Engineers & Buyers' Guide
Fax: (949) 642- 7327
Taping Specifications For Automatic Insertion


Similar Part No. - MKT050102M500

ManufacturerPart #DatasheetDescription
logo
Sharma Electro Componen...
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
More results

Similar Description - MKT050102M500

ManufacturerPart #DatasheetDescription
logo
EPCOS
B32559S EPCOS-B32559S Datasheet
327Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32591 EPCOS-B32591 Datasheet
533Kb / 26P
   Film Capacitors Metallized Polyester Film Capacitors
B32932 EPCOS-B32932 Datasheet
295Kb / 18P
   Film Capacitors Metallized Polyester Film Capacitors
B32537 EPCOS-B32537 Datasheet
308Kb / 20P
   Film Capacitors Metallized Polyester Film Capacitors
B32559C EPCOS-B32559C Datasheet
425Kb / 23P
   Film Capacitors Metallized Polyester Film Capacitors
B32560 EPCOS-B32560_09 Datasheet
577Kb / 32P
   Film Capacitors Metallized Polyester Film Capacitors
B32572 EPCOS-B32572 Datasheet
282Kb / 19P
   Film Capacitors Metallized Polyester Film Capacitors
logo
Sharma Electro Componen...
MKTD04 SHARMA-MKTD04 Datasheet
493Kb / 5P
   Film Capacitors
MKT050 SHARMA-MKT050 Datasheet
327Kb / 2P
   Film Capacitors
logo
EPCOS
B32673Z5474K EPCOS-B32673Z5474K Datasheet
373Kb / 20P
   Film Capacitors
B32924D3335K EPCOS-B32924D3335K Datasheet
356Kb / 17P
   Film Capacitors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com