Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN761666DGKRG4 Datasheet(PDF) 3 Page - Texas Instruments

Part # SN761666DGKRG4
Description  AGC AMPLIFIER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN761666DGKRG4 Datasheet(HTML) 3 Page - Texas Instruments

  SN761666DGKRG4 Datasheet HTML 1Page - Texas Instruments SN761666DGKRG4 Datasheet HTML 2Page - Texas Instruments SN761666DGKRG4 Datasheet HTML 3Page - Texas Instruments SN761666DGKRG4 Datasheet HTML 4Page - Texas Instruments SN761666DGKRG4 Datasheet HTML 5Page - Texas Instruments SN761666DGKRG4 Datasheet HTML 6Page - Texas Instruments SN761666DGKRG4 Datasheet HTML 7Page - Texas Instruments SN761666DGKRG4 Datasheet HTML 8Page - Texas Instruments SN761666DGKRG4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.ti.com
Absolute Maximum Ratings
(1)
Recommended Operating Conditions
DC Electrical Characteristics
AC Electrical Characteristics
SN761666
AGC AMPLIFIER
SLES183 – JUNE 2006
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
VCC (pin 1)
–0.4
6.5
V
VI
Input voltage range(2)
AGC (pin 4)
–0.4
VCC + 0.4
V
Continuous total dissipation(3)
477
mW
TJC
Maximum junction temperature
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
Voltage values are with respect to the GND of the circuit.
(3)
At TA ≤ 25°C. For TA > 25°C, the derating factor is 3.82 mW/°C.
MIN
NOM MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
V
TOPE
Operating free-air temperature
–20
85
°C
V
CC = 5 V, TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ICC
Supply current
32
mA
IIAGC
Input current (AGC)
VAGC = 3 V
30
60
µA
VAGCMAX
AGC maximum gain control voltage
Maximum gain
2.5
VCC
V
VAGCMIN
AGC minimum gain control voltage
Minimum gain
0
0.4
V
V
CC = 5 V, TA = 25°C, parameters measured in test circuit (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
GMAX
Maximum gain
VAGC = 3 V
49
53
57
dB
GMIN
Minimum gain
VAGC = 0 V
–5
–2
–1
dB
GCR
Gain control range
VAGC = 0 V–3 V
55
dB
VOUT
Output voltage
Single-ended output
2.6
Vp-p
NF
Noise figure
Maximum gain
7
dB
fIN1 = 43 MHz, fIN2 = 44 MHz,
IM3
Third-order intermodulation distortion
–50
dBc
VOUT = –2 dBm, Maximum gain
IIP3
Input intercept point
Minimum gain
11
dBm
RIN
Input resistance (IN1, IN2)
1
k
3
Submit Documentation Feedback


Similar Part No. - SN761666DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761666DGKR TI1-SN761666DGKR Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
More results

Similar Description - SN761666DGKRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN761666 TI1-SN761666_14 Datasheet
167Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
Spectrum Microwave, Inc...
TMG9553 SPECTRUM-TMG9553 Datasheet
41Kb / 1P
   AGC AMPLIFIER
logo
SIRENZA MICRODEVICES
S510069-28Z SIRENZA-S510069-28Z Datasheet
654Kb / 8P
   AGC Amplifier
logo
Texas Instruments
SN761643 TI1-SN761643 Datasheet
842Kb / 10P
[Old version datasheet]   AGC AMPLIFIER
logo
OKI electronic componet...
KGF2441 OKI-KGF2441 Datasheet
88Kb / 6P
   AGC Amplifier
logo
Texas Instruments
SN761643 TI1-SN761643_14 Datasheet
520Kb / 8P
[Old version datasheet]   AGC AMPLIFIER
SN761663 TI-SN761663 Datasheet
211Kb / 9P
[Old version datasheet]   AGC Amplifier
logo
ANADIGICS, Inc
ATA01501 ANADIGICS-ATA01501 Datasheet
417Kb / 12P
   AGC Transimpedance Amplifier
ATA06211 ANADIGICS-ATA06211 Datasheet
212Kb / 8P
   AGC Transimpedance Amplifier
ATA12001 ANADIGICS-ATA12001 Datasheet
201Kb / 8P
   AGC Transimpedance Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com