Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C30659-1550-R08B Datasheet(PDF) 7 Page - PerkinElmer Optoelectronics

Part # C30659-1550-R08B
Description  Silicon and InGaAs APD Preamplifier Modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30659-1550-R08B Datasheet(HTML) 7 Page - PerkinElmer Optoelectronics

  C30659-1550-R08B Datasheet HTML 1Page - PerkinElmer Optoelectronics C30659-1550-R08B Datasheet HTML 2Page - PerkinElmer Optoelectronics C30659-1550-R08B Datasheet HTML 3Page - PerkinElmer Optoelectronics C30659-1550-R08B Datasheet HTML 4Page - PerkinElmer Optoelectronics C30659-1550-R08B Datasheet HTML 5Page - PerkinElmer Optoelectronics C30659-1550-R08B Datasheet HTML 6Page - PerkinElmer Optoelectronics C30659-1550-R08B Datasheet HTML 7Page - PerkinElmer Optoelectronics C30659-1550-R08B Datasheet HTML 8Page - PerkinElmer Optoelectronics C30659-1550-R08B Datasheet HTML 9Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
www .optoelectr onics.perkinelmer.com
C30659-900-1060-1550nm Series
C30659-900-1060-1550nm Series
Page 7
Figure 3. Responsivity, continued
C30659-1550-R08B
Figure 4. Typical Response / Noise Curves
50 MHz Receivers
Frequency
Noise
200 MHz Receivers
Frequency
Noise
C30659-1550-R2A
Output voltage noise normalization is calculated using the following formula:
117142_C30659.qxd
6/21/04
2:33 PM
Page 7


Similar Part No. - C30659-1550-R08B

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3065 GENERAL-C3065 Datasheet
74Kb / 1P
   TYPE CMP / CL3P
More results

Similar Description - C30659-1550-R08B

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8931-04 HAMAMATSU-G8931-04 Datasheet
87Kb / 2P
   InGaAs APD
G8931-20 HAMAMATSU-G8931-20 Datasheet
87Kb / 2P
   InGaAs APD
logo
Eudyna Devices Inc
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
FRM5W232LY EUDYNA-FRM5W232LY Datasheet
128Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GT EUDYNA-FRM5N141GT Datasheet
309Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W232FY EUDYNA-FRM5W232FY Datasheet
127Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W621KT EUDYNA-FRM5W621KT Datasheet
181Kb / 5P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com