Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR3084MTRPBF Datasheet(PDF) 10 Page - International Rectifier

Part # IR3084MTRPBF
Description  XPHASETM VR 10/11 CONTROL IC
Download  45 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR3084MTRPBF Datasheet(HTML) 10 Page - International Rectifier

Back Button IR3084MTRPBF Datasheet HTML 6Page - International Rectifier IR3084MTRPBF Datasheet HTML 7Page - International Rectifier IR3084MTRPBF Datasheet HTML 8Page - International Rectifier IR3084MTRPBF Datasheet HTML 9Page - International Rectifier IR3084MTRPBF Datasheet HTML 10Page - International Rectifier IR3084MTRPBF Datasheet HTML 11Page - International Rectifier IR3084MTRPBF Datasheet HTML 12Page - International Rectifier IR3084MTRPBF Datasheet HTML 13Page - International Rectifier IR3084MTRPBF Datasheet HTML 14Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 45 page
background image
IR3084
Page 10 of 45
07/20/2005
Body Braking
TM
In a conventional synchronous buck converter, the minimum time required to reduce the current in the inductor in
response to a load step decrease is;
TSLEW = [L x (IMAX − IMIN)] / Vout
The slew rate of the inductor current can be significantly increased by turning off the synchronous rectifier in
response to a load step decrease. The switch node voltage is then forced to decrease until conduction of the
synchronous rectifier’s body diode occurs. This increases the voltage across the inductor from Vout to Vout +
VBODY DIODE. The minimum time required to reduce the current in the inductor in response to a load transient
decrease is now;
TSLEW = [L x (IMAX − IMIN)] / (Vout + VBODY DIODE)
Since the voltage drop in the body diode is often higher than output voltage, the inductor current slew rate can be
increased by 2X or more. This patent pending technique is referred to as “body braking” and is accomplished
through the “0% Duty Cycle Comparator” located in the Phase IC. If the Error Amp’s output voltage drops below
91% of the VDAC voltage this comparator turns off the low side gate driver.
Figure 5 depicts PWM operating waveforms under various conditions
PHASE IC
CLOCK
PULSE
EAIN
VDAC
PWMRMP
GATEH
GATEL
STEADY-STATE
OPERATION
DUTY CYCLE DECREASE
DUE TO VIN INCREASE
(FEED-FORWARD)
DUTY CYCLE INCREASE
DUE TO LOAD
INCREASE
DUTY CYCLE DECREASE DUE TO LOAD
DECREASE (BODY BRAKING) OR FAULT
(VCC UV, VCCVID UV, OCP, VID=11111X)
STEADY-STATE
OPERATION
Body-Braking
Threshold
Figure 5 – PWM Operating Waveforms
Lossless Average Inductor Current Sensing
Inductor current can be sensed by connecting a series resistor and a capacitor network in parallel with the
inductor and measuring the voltage across the capacitor. The equation of the sensing network is,
S
S
L
L
S
S
L
C
C
sR
sL
R
s
i
C
sR
s
v
s
v
+
+
=
+
=
1
)
(
1
1
)
(
)
(
Usually the resistor Rcs and capacitor Ccs are chosen so that the time constant of Rcs and Ccs equals the time
constant of the inductor which is the inductance L over the inductor DCR. If the two time constants match, the
voltage across Ccs is proportional to the current through L, and the sense circuit can be treated as if only a sense
resistor with the value of RL was used. The mismatch of the time constants does not affect the measurement of
inductor DC current, but affects the AC component of the inductor current.


Similar Part No. - IR3084MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3084A IRF-IR3084A Datasheet
682Kb / 45P
   XPHASE TM VR 10/11 CONTROL IC
IR3084AMPBF IRF-IR3084AMPBF Datasheet
682Kb / 45P
   XPHASE TM VR 10/11 CONTROL IC
IR3084AMTRPBF IRF-IR3084AMTRPBF Datasheet
682Kb / 45P
   XPHASE TM VR 10/11 CONTROL IC
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
   XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
IR3084UMPBF IRF-IR3084UMPBF Datasheet
723Kb / 47P
   XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
More results

Similar Description - IR3084MTRPBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR3081A IRF-IR3081A Datasheet
1Mb / 39P
   XPHASETM VR 10 CONTROL IC
IR3084A IRF-IR3084A Datasheet
682Kb / 45P
   XPHASE TM VR 10/11 CONTROL IC
IR3081 IRF-IR3081 Datasheet
396Kb / 20P
   XPHASE VR 10.0 CONTROL IC
IR3084U IRF-IR3084U Datasheet
723Kb / 47P
   XPHASETM VR10, VR11 & OPTERON/ATHLON64 CONTROL IC
IR3080PBF IRF-IR3080PBF Datasheet
1Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3510 IRF-IR3510 Datasheet
26Kb / 1P
   HOT-SWAP N1 REDUNDANT XPHASETM CONTROL IC
IR3080 IRF-IR3080 Datasheet
2Mb / 41P
   XPHASETM VRD10 CONTROL IC WITH VCCVID & OVERTEMP DETECT
IR3088A IRF-IR3088A_05 Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
IR3086A IRF-IR3086A Datasheet
1Mb / 33P
   XPHASETM PHASE IC WITH OVP, FAULT AND OVERTEMP DETECT
IR3088A IRF-IR3088A Datasheet
1Mb / 34P
   XPHASETM PHASE IC WITH FAULT AND OVERTEMP DETECT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com