Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C30659 Datasheet(PDF) 4 Page - PerkinElmer Optoelectronics

Part # C30659
Description  Silicon and InGaAs APD Preamplifier Modules
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERKINELMER [PerkinElmer Optoelectronics]
Direct Link  http://www.perkinelmer.com
Logo PERKINELMER - PerkinElmer Optoelectronics

C30659 Datasheet(HTML) 4 Page - PerkinElmer Optoelectronics

  C30659 Datasheet HTML 1Page - PerkinElmer Optoelectronics C30659 Datasheet HTML 2Page - PerkinElmer Optoelectronics C30659 Datasheet HTML 3Page - PerkinElmer Optoelectronics C30659 Datasheet HTML 4Page - PerkinElmer Optoelectronics C30659 Datasheet HTML 5Page - PerkinElmer Optoelectronics C30659 Datasheet HTML 6Page - PerkinElmer Optoelectronics C30659 Datasheet HTML 7Page - PerkinElmer Optoelectronics C30659 Datasheet HTML 8Page - PerkinElmer Optoelectronics C30659 Datasheet HTML 9Page - PerkinElmer Optoelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
www .optoelectr onics.perkinelmer.com
Page 4
C30659-1550nm Series
C30659-1550nm Series
Test Conditions: Ambient Temperature, Vamp = ±5 Volts, HV = +VR (see Note 1), RL = 50
Ω AC Coupled
1550nm InGaAs APD
Detector Type
C30659-1550-R2A
C30659-1550-R08B
(InGaAs APD C30662E)
(InGaAs APD C30645E)
Min
Typ
Max
Min
Typ
Max
Active Diameter
0.2
0.08
mm
Active Area
0.03
0.005
mm2
Bandwidth Range
50
200
MHz
Temperature Coefficient of VR
for constant Gain
-
0.2
-
-
0.2
-
V/°C
VR for specified responsivity
40
Note 1
70
40
Note 1
70
V
Temperature sensor sensitivity
-1.8
-2.1
-2.4
-1.8
-2.1
-2.4
mV/°C
Responsivity
At 1300nm
-
300
-
-
80
-
kV/W
At 1550nm
-
340
-
-
90
-
kV/W
RF (Internal Feedback Resistor)
-
68
-
-
18
-
k
Noise Equivalent Power (NEP) (note 3)
f - 100 kHz,
∆f = 1.0 Hz
At 1300nm
-
150
180
-
250
375
fW/
√Hz
At 1550nm
-
130
160
-
220
330
fW/
√Hz
Output Spectral Voltage:
(f = 100 kHz - f-3dB)
-
45
55
-
20
30
nV/
√Hz
Output Impedance
33
40
50
33
40
50
System Bandwidth, f-3dB
40
50
-
175
200
-
MHz
Rise Time, tr (
λ = 900 and 1060nm)
10% to 90% points
-
7
-
-
2
-
ns
Fall Time, tf (
λ = 830 and 900nm)
90% to 10% points
-
7
-
-
2
-
ns
Recovery time after overload (note 4)
-
-
150
-
-
150
ns
Output Voltage Swing (1k
Ω load) (note 5)
2
3
-
2
3
-
V
Output Voltage Swing (50
Ω load) (note 5)
0.7
0.9
-
0.7
0.9
-
V
Output Offset Voltage
-1
-0.3
1
-1
-0.3
1
V
Positive Supply Current (V+)
-
20
35
-
20
35
mA
Negative Supply Current (V-)
-
10
20
-
10
20
mA
Notes: 1. A specific value of VR is supplied with each device. The VR value will be within the specified ranges.
2. If = 0.1 mA, 25°C
3. NEPmax is the Maximum Output Spectral Noise Voltage divided by the typical Responsivity.
4. 0dBm, 250ns pulse.
5. Pulsed operation.
Table 3. Electrical Characteristics at TA=22ºC
117142_C30659.qxd
6/21/04
2:33 PM
Page 4


Similar Part No. - C30659

ManufacturerPart #DatasheetDescription
logo
General Cable Technolog...
C3065 GENERAL-C3065 Datasheet
74Kb / 1P
   TYPE CMP / CL3P
More results

Similar Description - C30659

ManufacturerPart #DatasheetDescription
logo
Hamamatsu Corporation
G8931-04 HAMAMATSU-G8931-04 Datasheet
87Kb / 2P
   InGaAs APD
G8931-20 HAMAMATSU-G8931-20 Datasheet
87Kb / 2P
   InGaAs APD
logo
Eudyna Devices Inc
FRM5N142GW EUDYNA-FRM5N142GW Datasheet
339Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W231KT EUDYNA-FRM5W231KT Datasheet
321Kb / 5P
   InGaAs-APD/Preamp Receiver
FRM5W232LY EUDYNA-FRM5W232LY Datasheet
128Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GT EUDYNA-FRM5N141GT Datasheet
309Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W232FY EUDYNA-FRM5W232FY Datasheet
127Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5W621KT EUDYNA-FRM5W621KT Datasheet
181Kb / 5P
   InGaAs-APD/Preamp Receiver
FRM5J141GT EUDYNA-FRM5J141GT Datasheet
304Kb / 4P
   InGaAs-APD/Preamp Receiver
FRM5N141GW EUDYNA-FRM5N141GW Datasheet
306Kb / 4P
   InGaAs-APD/Preamp Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com