Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AN1775 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # AN1775
Description  Expanding Digital Input with an A/D Converter
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

AN1775 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button AN1775 Datasheet HTML 4Page - Freescale Semiconductor, Inc AN1775 Datasheet HTML 5Page - Freescale Semiconductor, Inc AN1775 Datasheet HTML 6Page - Freescale Semiconductor, Inc AN1775 Datasheet HTML 7Page - Freescale Semiconductor, Inc AN1775 Datasheet HTML 8Page - Freescale Semiconductor, Inc AN1775 Datasheet HTML 9Page - Freescale Semiconductor, Inc AN1775 Datasheet HTML 10Page - Freescale Semiconductor, Inc AN1775 Datasheet HTML 11Page - Freescale Semiconductor, Inc AN1775 Datasheet HTML 12Page - Freescale Semiconductor, Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
Application Note
AN1775 Rev. 1
The only exception is key 1, which connects VSS to the ADC input and
needs no resistor.
By assigning a range of ADC conversion values to each key, the user
can provide a fair amount of error padding. Considerations include
resistor tolerance, ADC accuracy, and parasitic time constants. The
range of conversion values for a particular keypress can be narrowed to
improve the accuracy of the application. Or, for “quick and dirty”
arbitration, keep the range as wide as possible.
Using a Single
Resistor Value
The method presented here used different resistor values to produce
equal voltage intervals. Another method would be to use the same
resistance value for all segments in the divider. The disadvantage of
using the same resistor values is that it greatly diminishes the effective
range of conversions. Also, if resistances are kept equal, the voltage
step between switches approaches the resolution of the ADC.
Therefore, the error margin diminishes as more keys are added.
Programming
Considerations
There are several ways to implement such an application. One thing to
choose is whether to poll the ADC when desired or link a keypress to an
interrupt source.
Some ADCs continuously convert once enabled, allowing a new value
to be available every 32 clock cycles. Others do a single conversion
when a register is written to and don’t do another conversion until the
register is written to again.
A polling scheme can use a periodic timing source as a signal to poll. For
example, the real-time interrupt (RTI) or timer overflow (TOF) interrupt
can be used to scan the ADC input at a given rate.
Not linking a keypress to an interrupt source can cause timing problems
and might miss a keypress. Careful consideration should be given to
timing and voltage error requirements to determine if this method is
appropriate.
Freescale Semiconductor, Inc.
For More Information On This Product,
Go to: www.freescale.com


Similar Part No. - AN1775

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
AN1775 STMICROELECTRONICS-AN1775 Datasheet
301Kb / 27P
   STR71x Hardware Development Getting Started
More results

Similar Description - AN1775

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HD404358 RENESAS-HD404358 Datasheet
385Kb / 102P
   microcomputer has an A/D converter,
HD404369 RENESAS-HD404369 Datasheet
421Kb / 117P
   microcomputer has an A/D converter
logo
Sanyo Semicon Device
LC78855KM SANYO-LC78855KM Datasheet
172Kb / 9P
   Digital Audio D/A Converter with Built-in Digital Filters
logo
Nippon Precision Circui...
SM5864AP NPC-SM5864AP Datasheet
734Kb / 19P
   Digital Audio D/A Converter
logo
Sanyo Semicon Device
LC7480 SANYO-LC7480 Datasheet
101Kb / 5P
   Video A/D Converter with 3-Input Multiplexer
logo
Integrated Circuit Syst...
DAC88 ICST-DAC88 Datasheet
813Kb / 4P
   12-bit D/A Converter with Input Register
logo
List of Unclassifed Man...
MN3020 ETC-MN3020 Datasheet
841Kb / 4P
   8-bit D/A Converter with Input Register
logo
API Technologies Corp
MNDAC88 APITECH-MNDAC88 Datasheet
819Kb / 4P
   12-bit D/A Converter with Input Register
logo
Renesas Technology Corp
HD404344R RENESAS-HD404344R Datasheet
333Kb / 102P
   4-bit microcomputer has an A/D converter
logo
API Technologies Corp
MNDACHK APITECH-MNDACHK Datasheet
839Kb / 4P
   12-bit D/A Converter with Input Register
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com