Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS8329 Datasheet(PDF) 33 Page - Texas Instruments

Click here to check the latest version.
Part # ADS8329
Description  LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS8329 Datasheet(HTML) 33 Page - Texas Instruments

Back Button ADS8329 Datasheet HTML 29Page - Texas Instruments ADS8329 Datasheet HTML 30Page - Texas Instruments ADS8329 Datasheet HTML 31Page - Texas Instruments ADS8329 Datasheet HTML 32Page - Texas Instruments ADS8329 Datasheet HTML 33Page - Texas Instruments ADS8329 Datasheet HTML 34Page - Texas Instruments ADS8329 Datasheet HTML 35Page - Texas Instruments ADS8329 Datasheet HTML 36Page - Texas Instruments ADS8329 Datasheet HTML 37Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 40 page
background image
www.ti.com
TheseSCLKsareoptional.
CONFIGURE
READResult
READResult
Nth
Nth from#1
Nthfrom#1
Nthfrom#1
Nthfrom#1
Nthfrom#1
N − 1thfrom#2
Nthfrom#3
N − 1thfrom#2
Nthfrom#1
1110............
1101b
1101b
1
16
1
16
1
16
Cascaded ManualTrigger/ReadWhileSampling
(UseinternalCCLK,EOC,and
polarityprogrammedasactivelow)
heldlowduringtheNtimes16bitstransfercycle.
INT
CS
CONVST #1,
CONVST
CONVST
#2,
#3
EOC#1
(activelow)
INT #1
(active low)
CS/FS#3
SCLK#1,
SCLK#2,
SCLK#3
SDO#1,
CDI#2
SDO#2,
CDI#3
SDO#3
SDI#1,
SDI#2,
SDI#3
CS/FS#1
CS/FS#2
SCLK#2,
t
CONV =18CCLKs
t
SAMPLE1 =3CCLKsmin
t
=
20nsmin
d(EOS-CSF)
t
d(EOS-CSF) =
20nsmin
t
d(CSR-EOS) =20nsmin
t
=
20nsmin
d(CSR-EOS)
t
d(CSR-EOS) =
20nsmin
t
d(EOS-CSF) =20nsmin
ADS8329
ADS8330
SLAS516 – DECEMBER 2006
Care must be given to handle the multiple CS signals when the converters are operating in chain mode. The
different chip select signals must be low for the entire data transfer (in this example 48 bits for three converters).
The first 16-bit word after the falling chip select is always the data from the chip that received the chip select
signal.
Case 1: If chip select is not toggled (CS stays low), the next 16 bits are data from the upstream converter, and
so on. This is shown in Figure 60. If there is no upstream converter in the chain, as converter #1 in the example,
the same data from the converter is going to be shown repeatedly.
Case 2: If the chip select is toggled during a chain mode data transfer cycle, as illustrated in Figure 61, the
same data from the converter is read out again and again in all three discrete 16-bit cycles. This is not a desired
result.
Figure 61. Simplified Cascade Mode Timing with Shared CONVST and Discrete CS
Figure 62 shows a slightly different scenario where CONVST is not shared by the second converter. Converters
#1 and #3 have the same CONVST signal. In this case, converter #2 simply passes previous conversion data
downstream.
33
Submit Documentation Feedback


Similar Part No. - ADS8329

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI-ADS8329 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329IBPW TI-ADS8329IBPW Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results

Similar Description - ADS8329

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS8330 TI-ADS8330 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8329 TI1-ADS8329_14 Datasheet
2Mb / 51P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8329 BURR-BROWN-ADS8329 Datasheet
2Mb / 42P
   LOW POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS8329 TI1-ADS8329_16 Datasheet
2Mb / 50P
[Old version datasheet]   LOW-POWER, 16-BIT, 1-MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI1-ADS8327_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS8327 TI-ADS8327_13 Datasheet
1Mb / 50P
[Old version datasheet]   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Burr-Brown (TI)
ADS8327 BURR-BROWN-ADS8327 Datasheet
2Mb / 40P
   LOW POWER, 16-BIT, 500-kHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
logo
Texas Instruments
ADS7279 TI1-ADS7279_14 Datasheet
1Mb / 51P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7229 TI-ADS7229 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 12-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
ADS7279 TI-ADS7279 Datasheet
1Mb / 46P
[Old version datasheet]   LOW-POWER, 14-BIT, 1MHz, SINGLE/DUAL UNIPOLAR INPUT, ANALOG-TO-DIGITAL CONVERTERS WITH SERIAL INTERFACE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com