Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMLU72755C Datasheet(PDF) 1 Page - Sanken electric

Part # SMLU72755C
Description  Egg-shaped Bicolor LED (Direct Mount)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SMLU72755C Datasheet(HTML) 1 Page - Sanken electric

  SMLU72755C Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
49
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
Egg-shaped Bicolor LED (Direct Mount)
SML70055 Series
External Dimensions
SEL70055Series
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V4
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
(Unit: mm)
2.0
2.0
1.9
2.0
2.0
2.0
1.9
2.0
1.9
2.0
SMLU72755C
SML72755C
SMLU78755C
SML79255C
SML79455C
Clear
Clear
Clear
Clear
Clear
Electrical Optical characteristics (Ta=25
°C)
qCommon cathode (Internal wiring diagram 1)
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
2.5
Red
Yellow
Orange
Red
Orange
Green
10
10
10
10
10
10
10
10
10
10
4
4
4
4
4
4
4
4
4
4
160
170
45
75
280
170
40
45
45
75
20
20
20
20
20
20
20
20
20
20
635
572
630
570
615
572
587
630
587
560
15
15
35
30
15
15
33
35
33
20
AIGaInP
AIGaInP
GaAsP
GaP
AIGaInP
AIGaInP
GaAsP
GaAsP
GaAsP
GaP
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
10
1.7
2.4
SML76755WN Diffused white
qCommon anode (Internal wiring diagram 2)
2.2
3.0
Yellow
10
10
4
4
50
50
20
20
660
570
30
30
GaAlAs
GaP
10
10
10
10
10
10
Tolerance:
±0.3
20.0min
(0.3)
1.0min
1.5min
(2.54)
(2.54)
4.65±
0.2
7.3±
0.5
Reisin heap 0.8max
Reisin burr 0.3max
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
BA
90
°
60
°
30
°
0
50
100%
50
100%
Directivity (Typical)
A
B
A
B
A
B
A
B
A
B
A
B
Internal wiring
diagram 1
Internal wiring
diagram 2
AB
AB
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
BA
90
°
60
°
30
°
0
50
100%
50
100%
Transparent
Diffused white
High-
intensity red
Ultra-high-
intensity yellow
Ultra-high-
intensity yellow
Ultra-high-
intensity amber
Ultra-high-
intensity red


Similar Part No. - SMLU72755C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SMLU72755C SANKEN-SMLU72755C Datasheet
433Kb / 2P
   Egg-Shaped Bicolor LEDs
More results

Similar Description - SMLU72755C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SML70055 SANKEN-SML70055_08 Datasheet
433Kb / 2P
   Egg-Shaped Bicolor LEDs
SML70023 SANKEN-SML70023 Datasheet
30Kb / 1P
   3.3x6 Bow-shaped Bicolor LED (Direct Mount)
SEL5055 SANKEN-SEL5055 Datasheet
26Kb / 1P
   5-mm Pitch Lead Egg-shaped LED (Direct Mount)
SEL1053M SANKEN-SEL1053M Datasheet
28Kb / 1P
   4.6x5.6phi Egg-shaped LED
SEL6027 SANKEN-SEL6027 Datasheet
27Kb / 1P
   4phi Bow-shaped LED (Direct Mount)
SEL4029 SANKEN-SEL4029 Datasheet
26Kb / 1P
   3.1phi Bow-shaped LED (Direct Mount)
SML70020 SANKEN-SML70020 Datasheet
29Kb / 1P
   3.3x6 Rectangular Bicolor LED (Direct Mount)
SEL1053M SANKEN-SEL1053M_08 Datasheet
437Kb / 2P
   4.6 횞 5.6phi Egg-Shaped LEDs
SEL5055 SANKEN-SEL5055_08 Datasheet
427Kb / 2P
   5mm Pitch Lead Egg-Shaped LEDs
SEL5023 SANKEN-SEL5023 Datasheet
28Kb / 1P
   5-mm Pitch Lead Bow-shaped LED (Direct Mount)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com