Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SEL6015 Datasheet(PDF) 1 Page - Sanken electric

Part No. SEL6015
Description  3phi Round Narrow-directivity LED (Direct Mount)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SEL6015 Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
21
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
1.9
1.9
2.0
2.0
2.0
SEL6215S
SEL6915A
SEL6715C
SEL6415E
SEL6515C
3
φ Round Narrow-directivity LED (Direct Mount)
SEL6015 Series
Transparent red
Transparent orange
Clear
Transparent green
Clear
Electrical Optical characteristics (Ta=25
°C)
45
60
90
81
44
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL6015 Series
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
50
50
50
50
50
3
3
3
3
3
20
20
20
20
20
630
587
570
560
555
10
10
10
10
10
35
33
30
20
20
10
10
10
10
10
Transparent lens
Red
Orange
Yellow
Green
Pure green
GaAsP
GaP
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
3.5
5.5
0.4±
0.1
23.0min
1.0min
(1.7)
3.5±
0.1
Resin heap
0.8max
Resin burr
0.3max
Cathode mark
Cathode
Tolerance:
±0.3
(Unit: mm)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn