Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEL5721C Datasheet(PDF) 1 Page - Sanken electric

Part # SEL5721C
Description  5-mm Pitch Lead 3phi Lens-type LED (Direct Mount)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL5721C Datasheet(HTML) 1 Page - Sanken electric

  SEL5721C Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
41
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
5-mm Pitch Lead 3
φ Lens-type LED (Direct Mount)
SEL5021 Series
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL5021Series
Tolerance:
±0.3
(Unit: mm)
1.9
1.9
1.9
2.0
2.0
2.0
SEL5221S
SEL5821A
SEL5921A
SEL5721C
SEL5421E
SEL5521C
Transparent red
Transparent orange
Transparent orange
Clear
Transparent green
Clear
Electrical Optical characteristics (Ta=25
°C)
2.5
2.5
2.5
2.5
2.5
2.5
Red
Amber
Orange
Yellow
Green
Pure green
10
10
10
10
10
10
3
3
3
3
3
3
35
60
60
90
95
35
20
20
20
20
20
20
630
610
587
570
560
555
35
35
33
30
20
20
GaAsP
GaP
50
50
50
50
50
50
10
10
10
10
10
10
10
10
10
10
10
10
3.6
5.8±
0.5
23.0min
1.0min
3.9
Resin heap 0.8max
Cathode mark
Cathode
Resin burr 0.3max
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%


Similar Part No. - SEL5721C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL5721C SANKEN-SEL5721C Datasheet
428Kb / 2P
   5mm Pitch Lead 3phi Lens LEDs
More results

Similar Description - SEL5721C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL6010 SANKEN-SEL6010 Datasheet
26Kb / 1P
   3phi Round LED (Direct Mount)
SEL5020 SANKEN-SEL5020 Datasheet
29Kb / 1P
   5-mm Pitch Lead Rectangular LED (Direct Mount)
SEL5023 SANKEN-SEL5023 Datasheet
28Kb / 1P
   5-mm Pitch Lead Bow-shaped LED (Direct Mount)
SEL5055 SANKEN-SEL5055 Datasheet
26Kb / 1P
   5-mm Pitch Lead Egg-shaped LED (Direct Mount)
SEL5021 SANKEN-SEL5021_08 Datasheet
428Kb / 2P
   5mm Pitch Lead 3phi Lens LEDs
SEL6014 SANKEN-SEL6014 Datasheet
25Kb / 1P
   3phi Round Wide-directivity LED (Direct Mount)
SEL6015 SANKEN-SEL6015 Datasheet
25Kb / 1P
   3phi Round Narrow-directivity LED (Direct Mount)
SEL6013 SANKEN-SEL6013 Datasheet
25Kb / 1P
   3phi Inverted-cone LED for surface illumination (Direct Mount)
SEL2011 SANKEN-SEL2011 Datasheet
23Kb / 1P
   3phi Cylindrical LED
SID2010 SANKEN-SID2010 Datasheet
25Kb / 1P
   3phi Round Infrared LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com