Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SEL5055 Datasheet(PDF) 1 Page - Sanken electric

Part No. SEL5055
Description  5-mm Pitch Lead Egg-shaped LED (Direct Mount)
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SEL5055 Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
43
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
5-mm Pitch Lead Egg-shaped LED (Direct Mount)
SEL5055 Series
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL5055Series
Tolerance:
±0.3
(Unit: mm)
SEL5255S
SEL5955A
SEL5755C
Electrical Optical characteristics (Ta=25
°C)
35
25
140
20
20
20
630
587
570
10
10
10
35
33
30
10
10
10
1.9
1.9
2.0
2.5
2.5
2.5
10
10
10
50
50
50
3
3
3
GaAsP
GaP
Transparent red
Transparent orange
Clear
Red
Orange
Yellow
23.0min
(0.3)
1.0min
4.65
±0.2
7.3
±0.5
Resin heap 0.8max
Resin burr 0.3max
Cathode
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn