Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEL4025 Datasheet(PDF) 1 Page - Sanken electric

Part # SEL4025
Description  2x4 Rectangular LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL4025 Datasheet(HTML) 1 Page - Sanken electric

  SEL4025 Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
34
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
2
×4 Rectangular LED
SEL4025 Series
External Dimensions
SEL4025 Series
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
(Unit: mm)
1.9
1.9
1.9
2.0
2.0
2.0
SEL4225C
SEL4225R
SEL4825A
SEL4825D
SEL4925A
SEL4925D
SEL4725K
SEL4725Y
SEL4425E
SEL4425G
SEL4525C
Clear
Diffused red
Transparent orange
Diffused orange
Transparent orange
Diffused orange
Transparent yellow
Diffused yellow
Transparent green
Diffused green
Clear
Electrical Optical characteristics (Ta=25
°C)
12
5.4
5.4
4.0
4.5
4.0
13
5.0
20
10
6.6
2.5
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
10
50
50
50
50
50
50
3
3
3
3
3
3
20
10
10
10
20
20
630
610
587
570
560
555
10
10
10
10
10
10
35
35
33
30
20
20
10
10
10
10
10
10
Red
Amber
Orange
Yellow
Green
Pure green
GaAsP
GaP
Tolerance:
±0.3
±0.2
Resin burr 0.3max
Resin heap 0.8max
1.0min
2.3
5.0
23.0min
Cathode


Similar Part No. - SEL4025

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL4026 SANKEN-SEL4026 Datasheet
24Kb / 1P
   2x4 Rectangular LED (Direct Mount)
SEL4027 SANKEN-SEL4027 Datasheet
26Kb / 1P
   4phi Bow-shaped LED
SEL4027 SANKEN-SEL4027 Datasheet
428Kb / 2P
   4phi Bow Shaped LEDs
SEL4027 SANKEN-SEL4027_08 Datasheet
428Kb / 2P
   4phi Bow Shaped LEDs
SEL4028 SANKEN-SEL4028 Datasheet
27Kb / 1P
   3.1phi Bow-shaped LED
More results

Similar Description - SEL4025

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MVL-701GN UOT-MVL-701GN Datasheet
38Kb / 3P
   2X4 rectangular led lamps
logo
Sanken electric
SEL4026 SANKEN-SEL4026 Datasheet
24Kb / 1P
   2x4 Rectangular LED (Direct Mount)
logo
Cree, Inc
CR24 CREE-CR24 Datasheet
333Kb / 2P
   2x4 Architectural LED Troffer
logo
P-tec Corporation
PL43-CDR12 P-TEC-PL43-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR12 P-TEC-PL44-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL43-CDG13 P-TEC-PL43-CDG13 Datasheet
29Kb / 1P
   Rectangular LED
PL43-CDY01 P-TEC-PL43-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR21 P-TEC-PL44-CDR21 Datasheet
29Kb / 1P
   Rectangular LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com