Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SEL2015 Datasheet(PDF) 1 Page - Sanken electric

Part No. SEL2015
Description  3phi Round Narrow-directivity LED
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SEL2015 Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
23
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
3
φ Round Narrow-directivity LED
SEL2015 Series
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL2015 Series
1.9
1.9
1.9
2.0
2.0
2.0
SEL2215S
SEL2215R
SEL2815A
SEL2815D
SEL2915A
SEL2915D
SEL2715K
SEL2715Y
SEL2415E
SEL2415G
SEL2515C
Transparent red
Diffused red
Transparent orange
Diffused orange
Transparent orange
Diffused orange
Transparent yellow
Diffused yellow
Transparent green
Diffused green
Clear
Electrical Optical characteristics (Ta=25
°C)
45
38
80
60
81
53
130
110
110
72
52
2.5
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
10
50
50
50
50
50
50
3
3
3
3
3
3
20
10
10
10
20
20
630
610
587
570
560
555
10
10
10
10
10
10
35
35
33
30
20
20
10
10
10
10
10
10
Diffuse lens
Transparent lens
Red
Amber
Orange
Yellow
Green
Pure green
GaAsP
GaP
1.55
0.4±0.1
1.0min
25.4min
4.0±0.1
(1.3)
Resin heap 1.5max
Cathode
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
Tolerance:
±0.3
(Unit: mm)


Html Pages

1 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn