Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT05-4337-G1 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CT05-4337-G1
Description  Series Molded Switch
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

CT05-4337-G1 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CT05-4337-G1 Datasheet HTML 1Page - List of Unclassifed Manufacturers CT05-4337-G1 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
81
For Most Recent Data, Consult the Coto Technology Website: www.cotorelay.com
6 E-mail: info@cotorelay.com
Note: Specifications are based on standard switch. Contact factory for other possibilities.
CT05 Series Molded Switch
Notes:
1Surface mount component processing temperature:
438°F(226°C) max for 1 minute dwell time.
Temperature measured on leads where lead exits
molded package.)
Model Number
CT05-XXXX-G1
CT05-XXXX-J1
Parameters
Units
OPERATING CHARACTERISTICS
Operate Range
AT
25-50
25-50
Release Range
AT
5-45
5-45
ELECTRICAL CHARACTERISTICS
Switched Power (max)
W
5
5
Switched Voltage DC (max)
V
140
140
Switched Voltage AC, RMS value (max)
V
100
100
Switched Current DC (max)
mA
350
350
Switched Current AC, RMS value (max)
mA
250
250
Carry Current DC (max)
A0.5
0.5
Breakdown Voltage (min)
V
230
230
Contact Resistance (initial max)
m
160
160
Contact Resistance (initial typ.)
m
140
140
Insulation Resistance (min)
M
10
6
10
6
ENVIRONMENTAL RATINGS
Storage Temperature
°C
-40 to +125
-40 to +125
Operating Temperature
°C
-40 to +125
-40 to +125
Soldering Temperature
1
°C
226
226
Vibration
G
10
10
Shock
G
100
100


Similar Part No. - CT05-4337-G1

ManufacturerPart #DatasheetDescription
logo
Allied Components Inter...
CT05-47NK-RC ALLIED-CT05-47NK-RC Datasheet
1Mb / 1P
   Ceramic Core Low Profile Chip Inductors
CT05-47NK-RC ALLIED-CT05-47NK-RC Datasheet
1Mb / 1P
   Ceramic Core Low Profile Chip Inductors
CT05-4N7K-RC ALLIED-CT05-4N7K-RC Datasheet
1Mb / 1P
   Ceramic Core Low Profile Chip Inductors
CT05-4N7K-RC ALLIED-CT05-4N7K-RC Datasheet
1Mb / 1P
   Ceramic Core Low Profile Chip Inductors
More results

Similar Description - CT05-4337-G1

ManufacturerPart #DatasheetDescription
logo
Coto Technology
CT05 COTO-CT05 Datasheet
513Kb / 2P
   CT05 SERIES MOLDED SWITCH
CT05-1530-G1 COTO-CT05-1530-G1 Datasheet
181Kb / 2P
   Molded Switch
CT10-103-G1 COTO-CT10-103-G1 Datasheet
198Kb / 2P
   Molded Switch
CT10-1532-G2 COTO-CT10-1532-G2_15 Datasheet
738Kb / 2P
   ENCAPSULATED MOLDED SWITCH
logo
Schneider Electric
PJF36000S10 SCHNEIDER-PJF36000S10 Datasheet
125Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 1000A
PJM36000S80 SCHNEIDER-PJM36000S80 Datasheet
143Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 800A
PJL36000S12SA SCHNEIDER-PJL36000S12SA Datasheet
131Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 1200A
PJL36000S80 SCHNEIDER-PJL36000S80 Datasheet
99Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 800A
JGL36000S25LU SCHNEIDER-JGL36000S25LU Datasheet
134Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 250A
JGM36000S25 SCHNEIDER-JGM36000S25 Datasheet
133Kb / 2P
   AUTOMATIC MOLDED CASE SWITCH 600V 250A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com