Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEL1422G Datasheet(PDF) 1 Page - Sanken electric

Part # SEL1422G
Description  2.5x5 Rectangular LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL1422G Datasheet(HTML) 1 Page - Sanken electric

  SEL1422G Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
31
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
2.5
×5 Rectangular LED
SEL1022 Series
External Dimensions
SEL1022 Series
(Unit: mm)
1.9
1.9
1.9
2.0
2.0
SEL1222R
SEL1822D
SEL1922D
SEL1722Y
SEL1722K
SEL1422G
Diffused red
Diffused orange
Diffused orange
Diffused yellow
Transparent yellow
Diffused green
Electrical Optical characteristics (Ta=25
°C)
9.0
4.8
4.5
7.8
12
7.2
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
50
50
50
50
50
3
3
3
3
3
20
10
10
10
20
630
610
587
570
560
10
10
10
10
10
35
35
33
30
20
10
10
10
10
10
Red
Amber
Orange
Yellow
Green
GaAsP
GaP
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
Tolerance:
±0.3
20.0min 5.0±
0.5
9.0±
0.2
4.0±
0.2
19.0min 0.8
(1.0)
2.5±
0.15
Cathode
3.0±
0.15


Similar Part No. - SEL1422G

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1420G SANKEN-SEL1420G Datasheet
24Kb / 1P
   2x5 Rectangular LED
SEL1421G SANKEN-SEL1421G Datasheet
30Kb / 1P
   3x5 Rectangular LED
SEL1424G SANKEN-SEL1424G Datasheet
28Kb / 1P
   1x5 Rectangular LED
More results

Similar Description - SEL1422G

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SML10060 SANKEN-SML10060 Datasheet
31Kb / 1P
   2.5x5 Rectangular Bicolor LED
logo
P-tec Corporation
PL43-CDR12 P-TEC-PL43-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR12 P-TEC-PL44-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL43-CDG13 P-TEC-PL43-CDG13 Datasheet
29Kb / 1P
   Rectangular LED
PL43-CDY01 P-TEC-PL43-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR21 P-TEC-PL44-CDR21 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR24 P-TEC-PL44-CDR24 Datasheet
29Kb / 1P
   Rectangular LED
PL43-CDR21 P-TEC-PL43-CDR21 Datasheet
29Kb / 1P
   Rectangular LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com