Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEL1124R Datasheet(PDF) 1 Page - Sanken electric

Part # SEL1124R
Description  1x5 Rectangular LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL1124R Datasheet(HTML) 1 Page - Sanken electric

  SEL1124R Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
33
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
1
×5 Rectangular LED
SEL1024 Series
External Dimensions
SEL1024 Series
(Unit: mm)
2.0
1.9
1.9
2.0
2.0
SEL1124R
SEL1824D
SEL1924D
SEL1724Y
SEL1424G
Diffused red
Diffused orange
Diffused orange
Diffused yellow
Diffused green
Electrical Optical characteristics (Ta=25
°C)
0.5
4.0
3.0
6.0
15
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
50
50
50
50
50
3
3
3
3
3
10
10
10
10
20
700
610
587
570
560
10
10
10
10
10
100
35
33
30
20
10
10
10
10
10
Deep red
Amber
Orange
Yellow
Green
GaP
GaAsP
GaP
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
Tolerance:
±0.3
±0.2
±0.5
1.0min
4.5
4.5
Resin burr 0.3min
Resin heap 1.5max
4.0
8.5
19.0min
0.8
Cathode


Similar Part No. - SEL1124R

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1120R SANKEN-SEL1120R Datasheet
24Kb / 1P
   2x5 Rectangular LED
SEL1121R SANKEN-SEL1121R Datasheet
30Kb / 1P
   3x5 Rectangular LED
More results

Similar Description - SEL1124R

ManufacturerPart #DatasheetDescription
logo
Marktech Corporate
MT1194 MARKTECH-MT1194 Datasheet
136Kb / 2P
   1X5 RECTANGULAR LED LAMPS
logo
P-tec Corporation
PL43-CDR12 P-TEC-PL43-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR12 P-TEC-PL44-CDR12 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDY01 P-TEC-PL44-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL43-CDG13 P-TEC-PL43-CDG13 Datasheet
29Kb / 1P
   Rectangular LED
PL43-CDY01 P-TEC-PL43-CDY01 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR21 P-TEC-PL44-CDR21 Datasheet
29Kb / 1P
   Rectangular LED
PL44-CDR24 P-TEC-PL44-CDR24 Datasheet
29Kb / 1P
   Rectangular LED
PL43-CDR21 P-TEC-PL43-CDR21 Datasheet
29Kb / 1P
   Rectangular LED
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com