Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SEL1410GM Datasheet(PDF) 1 Page - Sanken electric

Part # SEL1410GM
Description  5phi Round Standard LED
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SANKEN [Sanken electric]
Direct Link  http://www.sanken-ele.co.jp/en
Logo SANKEN - Sanken electric

SEL1410GM Datasheet(HTML) 1 Page - Sanken electric

  SEL1410GM Datasheet HTML 1Page - Sanken electric  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
1.9
1.9
1.9
2.0
2.0
2.0
SEL1210RM
SEL1210SM
SEL1810DM
SEL1810AM
SEL1910DM
SEL1910AM
SEL1710KM
SEL1410GM
SEL1410EM
SEL1510CM
5
φ Round Standard LED
SEL1010M Series
Diffused red
Transparent red
Diffused orange
Transparent orange
Diffused orange
Transparent orange
Transparent yellow
Diffused green
Transparent green
Clear
Electrical Optical characteristics (Ta=25
°C)
36
75
18
37
19
34
65
30
84
50
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL1010 Series
2.5
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
10
50
50
50
50
50
50
3
3
3
3
3
3
20
10
10
10
20
20
630
610
587
570
560
555
10
10
10
10
10
10
35
35
33
30
20
20
10
10
10
10
10
10
Diffuse lens
Transparent lens
ø
5.6±0.2
23.0min
1.0min
7.6±0.2
Cathode
Resin heap 1.5max
0.5±
0.1
(1.0)
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
GaAsP
GaP
Red
Amber
Orange
Yellow
Green
Pure green
Tolerance:
±0.3
(Unit: mm)


Similar Part No. - SEL1410GM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SEL1410GM SANKEN-SEL1410GM Datasheet
435Kb / 2P
   5phi Round Standard LEDs
More results

Similar Description - SEL1410GM

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SML1016 SANKEN-SML1016 Datasheet
34Kb / 1P
   5phi Round Standard Bicolor LED
SEL1010 SANKEN-SEL1010_08 Datasheet
426Kb / 2P
   5phi Round Standard LED (With Stopper)
SEL1010 SANKEN-SEL1010 Datasheet
27Kb / 1P
   5phi Round Standard LED (With Stopper)
SEL1010M SANKEN-SEL1010M_08 Datasheet
435Kb / 2P
   5phi Round Standard LEDs
SID300 SANKEN-SID300 Datasheet
27Kb / 1P
   5phi Round Infrared LED
SML1016 SANKEN-SML1016_08 Datasheet
444Kb / 2P
   5phi Round Standard Bicolor LEDs
SID1010M SANKEN-SID1010M Datasheet
26Kb / 1P
   5phi Round Infrared LED
SML10051 SANKEN-SML10051 Datasheet
29Kb / 1P
   5phi Round Bicolor LED
SEL1010XM SANKEN-SEL1010XM Datasheet
26Kb / 1P
   5phi Round Wide-directivity LED
SID1050M SANKEN-SID1050M Datasheet
24Kb / 1P
   5phi Round Infrared LED (Direct Mount)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com