Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FS8854-20CB Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # FS8854-20CB
Description  350mA LDO Linear Regulator
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

FS8854-20CB Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  FS8854-20CB Datasheet HTML 1Page - List of Unclassifed Manufacturers FS8854-20CB Datasheet HTML 2Page - List of Unclassifed Manufacturers FS8854-20CB Datasheet HTML 3Page - List of Unclassifed Manufacturers FS8854-20CB Datasheet HTML 4Page - List of Unclassifed Manufacturers FS8854-20CB Datasheet HTML 5Page - List of Unclassifed Manufacturers FS8854-20CB Datasheet HTML 6Page - List of Unclassifed Manufacturers FS8854-20CB Datasheet HTML 7Page - List of Unclassifed Manufacturers FS8854-20CB Datasheet HTML 8Page - List of Unclassifed Manufacturers FS8854-20CB Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
FS8854
350mA LDO Linear Regulator
Fortune Semiconductor Corp.
TEL : +886-2-2809-4742
4/13
TD-0410025
Rev. 1.4
http://www.fsc.com.tw
FAX: +886-2-2809-4874
T
Tyyp
piiccaall A
Ap
pp
plliiccaattiioon
n C
Ciirrccu
uiitt
A
Ab
bssoollu
uttee M
Maaxxiim
mu
um
m R
Raattiin
nggss
Input voltage VIN to GND ------------------------------------------------------------------------------------------------------7V
Output current limit, I(LIMIT) ------------------------------------------------------------------------------------------------ 0.6A
Continuous power dissipation, PD (∆T= TJ -TA = 100°C)
SOT-23
----------------------------------------------------------------------------------------------------------------------------------------
0.31W
SOT-89
----------------------------------------------------------------------------------------------------------------------------------------
0.55W
TO-92
----------------------------------------------------------------------------------------------------------------------------------------
0.55W
* The power dissipation values are based on the condition that junction temperature TJ and ambient
temperature TA difference is 100°C.
Junction Temperature, TJ ----------------------------------------------------------------------------------------------- +155°C
Storage temperature range, TSTG ---------------------------------------------------------------------- -55°C to +150°C
Operating junction temperature range ---------------------------------------------------------------- -40°C to +125°C
Lead temperature (soldering, 10sec) ------------------------------------------------------------------------------- 260°C
* Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device.
These are stress ratings only, and function operation of the device at these or any other conditions beyond those
indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated
conditions for extended periods may affect device reliability.
FS8854


Similar Part No. - FS8854-20CB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FS8853 ETC-FS8853 Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
logo
Fortune Semiconductor C...
FS8853 FORTUNE-FS8853 Datasheet
889Kb / 15P
   300 mA LDO Linear Regulator
logo
List of Unclassifed Man...
FS8853-13CA ETC-FS8853-13CA Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CB ETC-FS8853-13CB Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
FS8853-13CC ETC-FS8853-13CC Datasheet
652Kb / 13P
   300mA LDO Linear Regulator
More results

Similar Description - FS8854-20CB

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LP5952 TI-LP5952_15 Datasheet
1Mb / 22P
[Old version datasheet]   350mA Dual Rail Linear Regulator
logo
ams AG
AS1372 AMSCO-AS1372 Datasheet
855Kb / 14P
   350mA Dual Rail Linear Regulator
logo
Texas Instruments
LP5952 TI1-LP5952_14 Datasheet
1Mb / 27P
[Old version datasheet]   350mA Dual Rail Linear Regulator
logo
National Semiconductor ...
LP5952 NSC-LP5952_08 Datasheet
3Mb / 16P
   350mA Dual Rail Linear Regulator
logo
SemiWell Semiconductor
S1117 SEMIWELL-S1117 Datasheet
336Kb / 5P
   LDO Linear Regulator
logo
Shenzhen Huazhimei Semi...
HM75XXH HMSEMI-HM75XXH Datasheet
1Mb / 8P
   LDO linear regulator
logo
Guangdong Youtai Semico...
HT73XX-A UMW-HT73XX-A Datasheet
4Mb / 7P
   LDO Linear Regulator
HT78XX-A UMW-HT78XX-A Datasheet
2Mb / 7P
   LDO Linear Regulator
logo
ACE Technology Co., LTD...
ACE575U ACE-ACE575U Datasheet
556Kb / 10P
   350mA, Micropower, Very Low Dropout Linear Regulator
VER 1.1
logo
List of Unclassifed Man...
FS8856 ETC2-FS8856 Datasheet
614Kb / 13P
   550mA LDO Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com