Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IR51H214 Datasheet(PDF) 1 Page - International Rectifier

Part # IR51H214
Description  POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IR51H214 Datasheet(HTML) 1 Page - International Rectifier

  IR51H214 Datasheet HTML 1Page - International Rectifier IR51H214 Datasheet HTML 2Page - International Rectifier IR51H214 Datasheet HTML 3Page - International Rectifier IR51H214 Datasheet HTML 4Page - International Rectifier IR51H214 Datasheet HTML 5Page - International Rectifier IR51H214 Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
www.irf.com
1
C5
C7
C6
R4
R3
D1
+
C2
Vcc
+
C1
+
C3
BR1
Q2
L1
C4
R6
R1
Rt
Ct COM
Vb
Vo
Vt
IR51H420
AC1
AC2
N
AC1-N = 120 VAC input
Fluorescent Lamp
C8
R2
F1
F1
F2
F2
Q1
C9
R5
D2
D4
D3
D6
D5
AC1-AC2=220 VAC input
C10
International Rectifier
• 233 Kansas Street, El Segundo, CA 90245 USA
Features
Drive 13W Compact Lamp
110 or 220 Vac Input
High-Frequency Operation (34kHz)
Soft Start with Cathode Preheating
(45kHz)
Lamp Removal Protection
Burst Mode with Auto Restart
IR51H420 Integrated Half-Bridge
The IRPLCFL1 is intended as a reference
design to be used as a development tool
to speed up customers’ time to market.
POWIRLIGHTTM REFERENCE DESIGN : COMPACT BALLAST
IRPLCFL1
Circuit Schematic


Similar Part No. - IR51H214

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IR51H214 IRF-IR51H214 Datasheet
223Kb / 6P
   SELF-OSCILLATING HALF-BRIDGE
More results

Similar Description - IR51H214

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IRPLLNR1 IXYS-IRPLLNR1 Datasheet
790Kb / 15P
   POWIRLIGHT REFERENCE DESIGN : LINEAR BALLAST
logo
List of Unclassifed Man...
IRPLDIM2A ETC-IRPLDIM2A Datasheet
241Kb / 15P
   Digitally Addressable DALI Dimming Ballast Reference Design
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
IRPLDIM1U IRF-IRPLDIM1U Datasheet
209Kb / 12P
   Dimming Ballast Control IC Design Kit
logo
Fairchild Semiconductor
ABR-42022 FAIRCHILD-ABR-42022 Datasheet
68Kb / 4P
   ML4833 220V Non-Dimming Ballast Design
logo
International Rectifier
IRPLDIM1E IRF-IRPLDIM1E Datasheet
270Kb / 14P
   Dimming Ballast Control IC Design Kit
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Laird Tech Smart Techno...
DA-045-12-02 LSTD-DA-045-12-02 Datasheet
819Kb / 2P
   Compact design
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com