Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SEL1010M Datasheet(PDF) 1 Page - Sanken electric

Part No. SEL1010M
Description  5phi Round Standard LED
Download  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  SANKEN [Sanken electric]
Homepage  http://www.sanken-ele.co.jp/en
Logo 

SEL1010M Datasheet(HTML) 1 Page - Sanken electric

   
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
11
Forward voltage
VF
Condition
(V)
IF
typ
max
(mA)
Part
Number
Lens color
Reverse current
IR
Condition
(
µA)
VR
max
(V)
Intensity
IV
Condition
(mcd)
IF
typ
(mA)
Peak wavelength
λP Condition
(nm)
IF
typ
(mA)
Spectrum half width
∆λ Condition
(nm)
IF
typ
(mA)
Chip
material
Emitting color
1.9
1.9
1.9
2.0
2.0
2.0
SEL1210RM
SEL1210SM
SEL1810DM
SEL1810AM
SEL1910DM
SEL1910AM
SEL1710KM
SEL1410GM
SEL1410EM
SEL1510CM
5
φ Round Standard LED
SEL1010M Series
Diffused red
Transparent red
Diffused orange
Transparent orange
Diffused orange
Transparent orange
Transparent yellow
Diffused green
Transparent green
Clear
Electrical Optical characteristics (Ta=25
°C)
36
75
18
37
19
34
65
30
84
50
Directivity (Typical)
External Dimensions
Symbol
Unit
Rating
Condition
IF
mA
30
∆IF
mA/
°C
−0.45
Above 25
°C
IFP
mA
100
f=1kHz, tw
≤100
µs
VR
V3
Top
°C
−30 to +85
Tstg
°C
−30 to +100
Absolute maximum ratings (Ta=25
°C)
SEL1010 Series
2.5
2.5
2.5
2.5
2.5
2.5
10
10
10
10
10
10
50
50
50
50
50
50
3
3
3
3
3
3
20
10
10
10
20
20
630
610
587
570
560
555
10
10
10
10
10
10
35
35
33
30
20
20
10
10
10
10
10
10
Diffuse lens
Transparent lens
ø
5.6±0.2
23.0min
1.0min
7.6±0.2
Cathode
Resin heap 1.5max
0.5±
0.1
(1.0)
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
90
°
60
°
30
°
0
°
90
°
60
°
30
°
0
50
100%
50
100%
GaAsP
GaP
Red
Amber
Orange
Yellow
Green
Pure green
Tolerance:
±0.3
(Unit: mm)


Html Pages

1 


Datasheet Download



Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
SEL10105phi Round Standard LED With Stopper 1 Sanken electric
QTLP650C-2SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206 1 2 3 4 5 MoreFairchild Semiconductor
BL-R1138ASTANDARD LED LAMPS RECTANGULAR TYPES 1 2 Yellow Stone Corp
NUD4301Dual Low Dropout Voltage LED Driver/Current Source 1 2 3 4 5 MoreON Semiconductor
LIST-C155KGJSKTDual color chip LED 1 2 3 4 5 MoreLite-On Technology Corporation
PMF3800SNN-channel TrenchMOS standard level FET 1 2 3 4 5 MoreNXP Semiconductors
LEF-C5002TFULL COLOR LED LAMPS 1 List of Unclassifed Manufacturers
LB5433Hyper 5 mm T1 ¾ LED Non Diffused Hyper-Bright LED 1 2 3 4 5 MoreOSRAM GmbH
PMR780SNN-channel UTrenchMOS standard level FET 1 2 3 4 5 MoreNXP Semiconductors
DM-3100NLow Cost 3 1/2Digit LED Display in Low Profile Case 1 2 3 4 5 MoreList of Unclassifed Manufacturers

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn