Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IRFB4332PBF Datasheet(PDF) 8 Page - International Rectifier

Part # IRFB4332PBF
Description  PDP SWITCH
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

IRFB4332PBF Datasheet(HTML) 8 Page - International Rectifier

  IRFB4332PBF Datasheet HTML 1Page - International Rectifier IRFB4332PBF Datasheet HTML 2Page - International Rectifier IRFB4332PBF Datasheet HTML 3Page - International Rectifier IRFB4332PBF Datasheet HTML 4Page - International Rectifier IRFB4332PBF Datasheet HTML 5Page - International Rectifier IRFB4332PBF Datasheet HTML 6Page - International Rectifier IRFB4332PBF Datasheet HTML 7Page - International Rectifier IRFB4332PBF Datasheet HTML 8Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
IRFB4332PbF
8
www.irf.com
Data and specifications subject to change without notice.
This product has been designed and qualified for the Industrial market.
Qualification Standards can be found on IR’s Web site.
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
TAC Fax: (310) 252-7903
Visit us at www.irf.com for sales contact information. 06/06
Notes:
 Repetitive rating; pulse width limited by max. junction temperature.
‚ Starting TJ = 25°C, L = 0.39mH, RG = 25Ω, IAS = 35A.
ƒ Pulse width ≤ 400µs; duty cycle ≤ 2%.
„ Rθ is measured at TJ of approximately 90°C.
… Half sine wave with duty cycle = 0.25, ton=1µsec.
TO-220AB packages are not recommended for Surface Mount Application.
TO-220AB Package Outline (Dimensions are shown in millimeters (inches))
TO-220AB Part Marking Information
INTERNATIONAL
PART NUMBER
RECTIFIER
LOT CODE
ASSEMBLY
LOGO
YEAR 0 = 2000
DATE CODE
WEEK 19
LINE C
LOT CODE 1789
EXAMPLE: THIS IS AN IRF1010
Note: "P" in assembly line position
indicates "Lead - Free"
IN THE ASSEMBLY LINE "C"
ASSEMBLED ON WW 19, 2000


Similar Part No. - IRFB4332PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFB4332PBF IRF-IRFB4332PBF Datasheet
311Kb / 8P
   Advanced Process Technology
logo
Infineon Technologies A...
IRFB4332PBF INFINEON-IRFB4332PBF Datasheet
530Kb / 10P
   Advanced Process Technology
2018-01-11
logo
International Rectifier
IRFB4332PBF IRF-IRFB4332PBF_15 Datasheet
311Kb / 8P
   Advanced Process Technology
More results

Similar Description - IRFB4332PBF

ManufacturerPart #DatasheetDescription
logo
International Rectifier
IRFS4227PBF IRF-IRFS4227PBF Datasheet
302Kb / 9P
   PDP SWITCH
IRGP4050 IRF-IRGP4050 Datasheet
282Kb / 8P
   PDP Switch
IRFP4229PBF IRF-IRFP4229PBF Datasheet
282Kb / 8P
   PDP SWITCH
IRFB4228PBF IRF-IRFB4228PBF Datasheet
680Kb / 8P
   PDP SWITCH
IRFB4229PBF IRF-IRFB4229PBF Datasheet
229Kb / 8P
   PDP SWITCH
IRFB4227PBF IRF-IRFB4227PBF Datasheet
294Kb / 8P
   PDP SWITCH
IRFI4227PBF IRF-IRFI4227PBF Datasheet
297Kb / 8P
   PDP SWITCH
IRFP4332PBF IRF-IRFP4332PBF Datasheet
306Kb / 8P
   PDP SWITCH
IRFI4229PBF IRF-IRFI4229PBF Datasheet
685Kb / 8P
   PDP SWITCH
IRFP4227PBF IRF-IRFP4227PBF Datasheet
300Kb / 8P
   PDP SWITCH
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com