Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF HTML

SI4914DY Datasheet(PDF) 3 Page - Vishay Siliconix

Part No. SI4914DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4914DY Datasheet(HTML) 3 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Document Number: 72938
S-61959-Rev. C, 09-Oct-06
www.vishay.com
3
Vishay Siliconix
Si4914DY
CHANNEL-1 TYPICAL CHARACTERISTICS
25 °C, unless noted
Output Characteristics
On-Resistance vs. Drain Current
Gate Charge
0
5
10
15
20
25
30
35
40
0
12345
VGS = 10 thru 4 V
VDS – Drain-to-Source Voltage (V)
3 V
0.00
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
25
30
35
40
ID – Drain Current (A)
VGS = 4.5 V
VGS = 10 V
0
1
2
3
4
5
6
0.0
1.5
3.0
4.5
6.0
7.5
VDS = 15 V
ID = 7 A
Qg – Total Gate Charge (nC)
Transfer Characteristics
Capacitance
On-Resistance vs. Junction Temperature
0
8
16
24
32
40
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
TC = 125 °C
- 55 °C
25 °C
VGS – Gate-to-Source Voltage (V)
0
200
400
600
800
1000
0
5
10
15
20
25
30
VDS – Drain-to-Source Voltage (V)
Crss
Coss
Ciss
0.6
0.8
1.0
1.2
1.4
1.6
1.8
- 50
- 25
0
25
50
75
100
125
150
VGS = 10 V
ID = 7 A
TJ – Junction Temperature (°C)


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn