Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

SI4914DY Datasheet(PDF) 7 Page - Vishay Siliconix

Part No. SI4914DY
Description  Dual N-Channel 30-V (D-S) MOSFET with Schottky Diode
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  VISHAY [Vishay Siliconix]
Homepage  http://www.vishay.com
Logo 

SI4914DY Datasheet(HTML) 7 Page - Vishay Siliconix

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
Document Number: 72938
S-61959-Rev. C, 09-Oct-06
www.vishay.com
7
Vishay Siliconix
Si4914DY
CHANNEL-2 TYPICAL CHARACTERISTICS 25 °C, unless noted
Source-Drain Diode Forward Voltage
Reverse Current vs. Junction Temperature
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
TJ = 150 °C
40
10
1
VSD – Source-to-Drain Voltage (V)
TJ = 25 °C
0
25
50
75
100
125
150
TJ – Temperature (°C)
1
10
100
0.1
0.01
0.001
On-Resistance vs. Gate-to-Source Voltage
Single Pulse Power, Junction-to-Ambient
0.00
0.02
0.04
0.06
0.08
0.10
0
2468
10
VGS – Gate-to-Source Voltage (V)
ID = 7.4 A
0.001
0
1
200
40
10
0.1
Time (sec)
80
0.01
120
160
Safe Operating Area
VDS – Drain-to-Source Voltage (V)
100
1
0.1
1
10
100
0.01
10
TC = 25 °C
Single Pulse
0.1
IDM Limited
ID(on)
Limited
rDS(on) Limited
BVDSS Limited
1 ms
10 ms
100 ms
dc
1 s
10 s


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn