Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PZ3032I10A44 Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PZ3032I10A44
Description  32 macrocell CPLD
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZ3032I10A44 Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PZ3032I10A44 Datasheet HTML 4Page - NXP Semiconductors PZ3032I10A44 Datasheet HTML 5Page - NXP Semiconductors PZ3032I10A44 Datasheet HTML 6Page - NXP Semiconductors PZ3032I10A44 Datasheet HTML 7Page - NXP Semiconductors PZ3032I10A44 Datasheet HTML 8Page - NXP Semiconductors PZ3032I10A44 Datasheet HTML 9Page - NXP Semiconductors PZ3032I10A44 Datasheet HTML 10Page - NXP Semiconductors PZ3032I10A44 Datasheet HTML 11Page - NXP Semiconductors PZ3032I10A44 Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Philips Semiconductors
Product specification
PZ3032
32 macrocell CPLD
1997 Feb 20
8
DC ELECTRICAL CHARACTERISTICS FOR COMMERCIAL GRADE DEVICES
Commercial: 0
°C ≤ Tamb ≤ +70°C; 3.0V ≤ VDD ≤ 3.6V
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
MAX.
UNIT
VIL
Input voltage low
VDD = 3.0V
0.8
V
VIH
Input voltage high
VDD = 3.6V
2.0
V
VI
Input clamp voltage
VDD = 3.0V, IIN = –18mA
–1.2
V
VOL
Output voltage low
VDD = 3.0V, IOL = 8mA
0.5
V
VOH
Output voltage high
VDD = 3.0V, IOH = –8mA
2.4
V
IIL
Input leakage current low
VDD = 3.6V (except CKO), VIN = 0V
–10
10
µA
IIH
Input leakage current high
VDD = 3.6V, VIN = 3.0V
–10
10
µA
IIL
Clock input leakage current
VDD = 3.6V, VIN = 0.4V
–10
10
µA
IOZL
3-Stated output leakage current low
VDD = 3.6V, VIN = 0.4V
–10
10
µA
IOZH
3-Stated output leakage current high
VDD = 3.6V, VIN = 3.0V
–10
10
µA
IDDQ
Standby current
VDD = 3.6V, Tamb = 0°C
35
µA
IDDD1
Dynamic current
VDD = 3.6V, Tamb = 0°C @ 1MHz
0.5
mA
IDDD1
Dynamic current
VDD = 3.6V, Tamb = 0°C @ 50MHz
18
mA
IOS
Short circuit output current
1 pin at a time for no longer than 1 second
–5
–100
mA
CIN
Input pin capacitance
Tamb = 25°C, f = 1MHz
8
pF
CCLK
Clock input capacitance
Tamb = 25°C, f = 1MHz
5
12
pF
CI/O
I/O pin capacitance
Tamb = 25°C, f = 1MHz
10
pF
NOTE:
1. This parameter measured with a 16–bit, loadable up/down counter loaded into every logic block, with all outputs enabled and unloaded.
Inputs are tied to VDD or ground. This parameter guaranteed by design and characterization, not testing.
AC ELECTRICAL CHARACTERISTICS1 FOR COMMERCIAL GRADE DEVICES
Commercial: 0
°C ≤ Tamb ≤ +70°C; 3.0V ≤ VDD ≤ 3.6V
SYMBOL
PARAMETER
–8
–10
–12
UNIT
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
MIN.
MAX.
UNIT
tPD_PAL
Propagation delay time, input (or feedback node) to output through PAL
2
8
2
10
2
12
ns
tPD_PLA
Propagation delay time, input (or feedback node) to output through PAL & PLA
3
10.5
3
13
3
15
ns
tCO
Clock to out delay time
2
7
2
9
2
11
ns
tSU_PAL
Setup time (from input or feedback node) through PAL
6.5
8.5
10.5
ns
tSU_PLA
Setup time (from input or feedback node) through PAL + PLA
9
11.5
13.5
ns
tH
Hold time
0
0
0
ns
tCH
Clock High time
3
4
5
ns
tCL
Clock Low time
3
4
5
ns
tR
Input rise time
20
20
20
ns
tF
Input fall time
20
20
20
ns
fMAX1
Maximum FF toggle rate2
(1/tCH + tCL)
167
125
100
MHz
fMAX2
Maximum internal frequency2
(1/tSUPAL + tCF)
83
63
50
MHz
fMAX3
Maximum external frequency2
(1/tSUPAL + tCO)
74
57
47
MHz
tBUF
Output buffer delay time
1.5
1.5
1.5
ns
tPDF_PAL
Input (or feedback node) to internal feedback node delay time through PAL
6.5
8.5
10.5
ns
tPDF_PLA
Input (or feedback node) to internal feedback node delay time through PAL + PLA
9
11.5
13.5
ns
tCF
Clock to internal feedback node delay time
5.5
7.5
9.5
ns
tINIT
Delay from valid VDD to valid reset
50
50
50
µs
tER
Input to output disable3
15
17
19
ns
tEA
Input to output valid
15
17
19
ns
tRP
Input to register preset
16
18
20
ns
tRR
Input to register reset
19
21
23
ns
NOTES:
1. Specifications measured with one output switching. See Figure 6 and Table 3 for derating.
2. This parameter guaranteed by design and characterization, not by test.
3. Output CL = 5pF.


Similar Part No. - PZ3032I10A44

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZ3064 PHILIPS-PZ3064 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10A44 PHILIPS-PZ3064-10A44 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10A68 PHILIPS-PZ3064-10A68 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10A84 PHILIPS-PZ3064-10A84 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
PZ3064-10BB1 PHILIPS-PZ3064-10BB1 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
More results

Similar Description - PZ3032I10A44

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
DS023 XILINX-DS023 Datasheet
77Kb / 8P
   Lowest power 32 macrocell CPLD
logo
Cypress Semiconductor
CY7C371I CYPRESS-CY7C371I Datasheet
214Kb / 12P
   UltraLogic 32-Macrocell Flash CPLD
CY7C371 CYPRESS-CY7C371 Datasheet
539Kb / 11P
   UltraLogic 32-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3064 PHILIPS-PZ3064 Datasheet
245Kb / 20P
   64 macrocell CPLD
1997 Mar 05
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3064XL XILINX-XCR3064XL Datasheet
174Kb / 9P
   XCR3064XL 64 Macrocell CPLD
XCR3064XL-6VQ44C XILINX-XCR3064XL-6VQ44C Datasheet
163Kb / 10P
   XCR3064XL 64 Macrocell CPLD
logo
Cypress Semiconductor
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C374I CYPRESS-CY7C374I_04 Datasheet
347Kb / 15P
   UltraLogic??128-Macrocell Flash CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com