Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

PE97632 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part No. PE97632
Description  3.2 GHz Delta-Sigma modulated Fractional-N Frequency Synthesizer for Low Phase Noise Applications
Download  16 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  ETC1 [List of Unclassifed Manufacturers]
Homepage  
Logo 

PE97632 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
Advance Information
PE97632
Page 6 of 16
©2006 Peregrine Semiconductor Corp. All rights reserved.
Document No. 70-0205-02
│ UltraCMOS™ RFIC Solutions
Symbol
Parameter
Conditions
Min
Typ
Max
Units
IDD
Operational supply current;
Prescaler enabled
VDD = 2.85 to 3.45 V
50
mA
IDD
Operational supply current;
Prescaler disabled
VDD = 2.85 to 3.45 V
10
mA
All Digital inputs: K[17:0], R[5:0], M[8:0], A[3:0], Direct,
Pre_en, Rand_en, M2_sel, Cpsel, Enh (contains a 70 kΩ pull-down resistor)
VIH
High level input voltage
VDD = 2.85 to 3.45 V
0.7 x VDD
V
VIL
Low level input voltage
VDD = 2.85 to 3.45 V
0.3 x VDD
V
IIH
High level input current
VIH = VDD = 3.45 V
+100
µA
IIL
Low level input current
VIL = 0, VDD = 3.45 V
-1
µA
Reference Divider input: fr
IIHR
High level input current
VIH = VDD = 3.45 V
+100
µA
IILR
Low level input current
VIL = 0, VDD = 3.45 V
-100
µA
Counter and phase detector outputs: PD_
D, PD_U
VOLD
Output voltage LOW
Iout = 6 mA
0.4
V
VOHD
Output voltage HIGH
Iout = -3 mA
VDD - 0.4
V
Digital test outputs: Dout
VOLD
Output voltage LOW
Iout = 200
µA
0.4
V
VOHD
Output voltage HIGH
Iout = -200
µA
VDD - 0.4
V
Lock detect outputs: (Cext, LD)
VOLC
Output voltage LOW, Cext
Iout = 0.1 mA
0.4
V
VOHC
Output voltage HIGH, Cext
Iout = -0.1 mA
VDD - 0.4
V
VOLLD
Output voltage LOW, LD
Iout = 1 mA
0.4
V
Table 5. DC Characteristics
VDD = 3.0 V, -40° C < TA < 85° C, unless otherwise specified


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn