Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

OPA353 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part No. OPA353
Description  High-Speed, Single-Supply, Rail-to-Rail OPERATIONAL AMPLIFIERS
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA353 Datasheet(HTML) 1 Page - Texas Instruments

  OPA353 Datasheet HTML 1Page - Texas Instruments OPA353 Datasheet HTML 2Page - Texas Instruments OPA353 Datasheet HTML 3Page - Texas Instruments OPA353 Datasheet HTML 4Page - Texas Instruments OPA353 Datasheet HTML 5Page - Texas Instruments OPA353 Datasheet HTML 6Page - Texas Instruments OPA353 Datasheet HTML 7Page - Texas Instruments OPA353 Datasheet HTML 8Page - Texas Instruments OPA353 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
1
2
3
4
8
7
6
5
V+
Out B
–In B
+In B
Out A
–In A
+In A
V–
OPA2353
SO-8, MSOP-8
A
B
1
2
3
4
8
7
6
5
NC
V+
Output
NC
NC
–In
+In
V–
OPA353
SO-8
High-Speed, Single-Supply, Rail-to-Rail
OPERATIONAL AMPLIFIERS
Micro
Amplifier Series
© 1998 Burr-Brown Corporation
PDS-1479B
Printed in U.S.A. March, 1999
®
OPA353
OPA2353
OPA4353
FEATURES
q RAIL-TO-RAIL INPUT
q RAIL-TO-RAIL OUTPUT (within 10mV)
q WIDE BANDWIDTH: 44MHz
q HIGH SLEW RATE: 22V/
µs
q LOW NOISE: 5nV/
√Hz
q LOW THD+NOISE: 0.0006%
q UNITY-GAIN STABLE
q MicroSIZE PACKAGES
q SINGLE, DUAL, AND QUAD
APPLICATIONS
q CELL PHONE PA CONTROL LOOPS
q DRIVING A/D CONVERTERS
q VIDEO PROCESSING
q DATA ACQUISITION
q PROCESS CONTROL
q AUDIO PROCESSING
q COMMUNICATIONS
q ACTIVE FILTERS
q TEST EQUIPMENT
DESCRIPTION
OPA353 series rail-to-rail CMOS operational amplifi-
ers are designed for low cost, miniature applications.
They are optimized for low voltage, single-supply op-
eration. Rail-to-rail input/output, low noise (5nV/
√Hz),
and high speed operation (44MHz, 22V/
µs) make them
ideal for driving sampling analog-to-digital converters.
They are also well suited for cell phone PA control
loops and video processing (75
Ω drive capability) as
well as audio and general purpose applications. Single,
dual, and quad versions have identical specifications
for design flexibility.
The OPA353 series operates on a single supply as low as
2.5V with an input common-mode voltage range that
extends 300mV beyond the supply rails. Output voltage
swing is to within 10mV of the supply rails with a 10k
load. Dual and quad designs feature completely indepen-
dent circuitry for lowest crosstalk and freedom from
interaction.
The single (OPA353) packages are the tiny 5-lead SOT-
23-5 surface mount and SO-8 surface mount. The dual
(OPA2353) comes in the miniature MSOP-8 surface
mount and SO-8 surface mount. The quad (OPA4353)
packages are the space-saving SSOP-16 surface mount
and SO-14 surface mount. All are specified from –40
°C
to +85
°C and operate from –55°C to +125°C.
International Airport Industrial Park • Mailing Address: PO Box 11400, Tucson, AZ 85734 • Street Address: 6730 S. Tucson Blvd., Tucson, AZ 85706 • Tel: (520) 746-1111
Twx: 910-952-1111 • Internet: http://www.burr-brown.com/ • Cable: BBRCORP • Telex: 066-6491 • FAX: (520) 889-1510 • Immediate Product Info: (800) 548-6132
(SO-14 package not shown)
OPA2353
OPA4353
OPA4353
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
Out D
–In D
+In D
–V
+In C
–In C
Out C
NC
Out A
–In A
+In A
+V
+In B
–In B
Out B
NC
OPA4353
SSOP-16
AD
BC
1
2
3
5
4
V+
–In
Out
V–
+In
OPA353
SOT-23-5
For most current data sheet and other product
information, visit www.burr-brown.com
SPICE Model available at www.burr-brown.com
SBOS103


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn