Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12027IV27Z-T Datasheet(PDF) 6 Page - Intersil Corporation

Part # ISL12027IV27Z-T
Description  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12027IV27Z-T Datasheet(HTML) 6 Page - Intersil Corporation

Back Button ISL12027IV27Z-T Datasheet HTML 2Page - Intersil Corporation ISL12027IV27Z-T Datasheet HTML 3Page - Intersil Corporation ISL12027IV27Z-T Datasheet HTML 4Page - Intersil Corporation ISL12027IV27Z-T Datasheet HTML 5Page - Intersil Corporation ISL12027IV27Z-T Datasheet HTML 6Page - Intersil Corporation ISL12027IV27Z-T Datasheet HTML 7Page - Intersil Corporation ISL12027IV27Z-T Datasheet HTML 8Page - Intersil Corporation ISL12027IV27Z-T Datasheet HTML 9Page - Intersil Corporation ISL12027IV27Z-T Datasheet HTML 10Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
6
FN8232.4
October 18, 2006
tSU:STA
START Condition Setup Time
SCL rising edge to SDA falling edge.
Both crossing 70% of VDD.
600
ns
tHD:STA
START Condition Hold Time
From SDA falling edge crossing 30%
of VDD to SCL falling edge crossing
70% of VDD.
600
ns
tSU:DAT
Input Data Setup Time
From SDA exiting the 30% to 70% of
VDD window, to SCL rising edge
crossing 30% of VDD.
100
ns
tHD:DAT
Input Data Hold Time
From SCL falling edge crossing 70% of
VDD to SDA entering the 30% to 70%
of VDD window.
0ns
tSU:STO
STOP Condition Setup Time
From SCL rising edge crossing 70% of
VDD, to SDA rising edge crossing 30%
of VDD.
600
ns
tHD:STO
STOP Condition Hold Time for
Read, or Volatile Only Write
From SDA rising edge to SCL falling
edge. Both crossing 70% of VDD.
600
ns
tDH
Output Data Hold Time
From SCL falling edge crossing 30% of
VDD, until SDA enters the 30% to 70%
of VDD window.
0ns
tR
SDA and SCL Rise Time
From 30% to 70% of VDD
20 +
0.1 x Cb
250
ns
tF
SDA and SCL Fall Time
From 70% to 30% of VDD
20 +
0.1 x Cb
250
ns
Cb
Capacitive loading of SDA or SCL
Total on-chip and off-chip
10
400
pF
Cpin
SDA, and SCL Pin Capacitance
10
pF
tWC
Non-Volatile Write Cycle Time
12
20
ms
10
NOTES:
3. RESET Inactive (no reset).
4. VIL = VDD x 0.1, VIH = VDD x 0.9, fSCL = 400kHz.
5. VRESET = 2.63V (VDD must be greater than VRESET), VBAT = 0V.
6. Bit BSW = 0 (Standard Mode), VBAT ≥ 1.8V.
7. Specified at 25°C.
8. In order to ensure proper timekeeping, the VDD SR- specification must be followed.
9. Parameter is not 100% tested.
10. tWC is the minimum cycle time to be allowed for any non-volatile Write by the user, it is the time from valid STOP condition at the end of Write
sequence of a serial interface Write operation, to the end of the self-timed internal non-volatile write cycle.
Serial Interface (I2C) Specifications (Continued)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
NOTES
ISL12027


Similar Part No. - ISL12027IV27Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027IV27Z INTERSIL-ISL12027IV27Z Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027IV27Z RENESAS-ISL12027IV27Z Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
More results

Similar Description - ISL12027IV27Z-T

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
ISL12029 INTERSIL-ISL12029 Datasheet
426Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com