Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71V2577S80PFI Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT71V2577S80PFI
Description  128K x 36, 256K x 18 3.3V Synchronous SRAMs 2.5V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71V2577S80PFI Datasheet(HTML) 9 Page - Integrated Device Technology

Back Button IDT71V2577S80PFI Datasheet HTML 5Page - Integrated Device Technology IDT71V2577S80PFI Datasheet HTML 6Page - Integrated Device Technology IDT71V2577S80PFI Datasheet HTML 7Page - Integrated Device Technology IDT71V2577S80PFI Datasheet HTML 8Page - Integrated Device Technology IDT71V2577S80PFI Datasheet HTML 9Page - Integrated Device Technology IDT71V2577S80PFI Datasheet HTML 10Page - Integrated Device Technology IDT71V2577S80PFI Datasheet HTML 11Page - Integrated Device Technology IDT71V2577S80PFI Datasheet HTML 12Page - Integrated Device Technology IDT71V2577S80PFI Datasheet HTML 13Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 23 page
background image
6.42
IDT71V2577, IDT71V2579, 128K x 36, 256K x 18, 3.3V Synchronous SRAMs with
2.5V I/O, Flow-Through Outputs, Burst Counter, Single Cycle Deselect
Commercial and Industrial Temperature Ranges
9
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range(1)
DC Electrical Characteristics Over the Operating
Temperature and Supply Voltage Range (VDD = 3.3V ± 5%)
Figure 2. Lumped Capacitive Load, Typical Derating
Figure 1. AC Test Load
AC Test Load
AC Test Conditions
(VDDQ = 2.5V)
NOTE:
1. The
LBO pin will be internally pulled to VDD if it is not actively driven in the application and the ZZ pin will be internally pulled to VSS if not actively driven.
NOTES:
1. All values are maximum guaranteed values.
2. At f = fMAX, inputs are cycling at the maximum frequency of read cycles of 1/tCYC while
ADSC = LOW; f=0 means no input lines are changing.
3. For I/Os VHD = VDDQ - 0.2V, VLD = 0.2V. For other inputs VHD = VDD - 0.2V, VLD = 0.2V.
VDDQ/2
50
I/O
Z0 =50
4877d03
,
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
|ILI|
Input Leakage Current
VDD = Max., VIN = 0V to VDD
___
5µ A
|ILI|
ZZ and LBO Input Leakage Current(1)
VDD = Max., VIN = 0V to VDD
___
30
µ A
|ILO|
Output Leakage Current
VOUT = 0V to VDDQ, Device Deselected
___
5µ A
VOL
Output Low Voltage
IOL = +6mA, VDD = Min.
___
0.4
V
VOH
Output High Voltage
IOH = -6mA, VDD = Min.
2.0
___
V
4877 tbl 08
Symbol
Parameter
Test Conditions
7.5ns
8ns
8.5ns
Unit
Com'l Only
Com'l
Ind
Com'l
Ind
IDD
Operating Power Supply Current
Device Selected, Outputs Open, VDD = Max.,
VDDQ = Max., VIN > VIH or < VIL, f = fMAX(2)
255
200
210
180
190
mA
ISB1
CMOS Standby Power Supply
Current
Device Deselected, Outputs Open, VDD = Max.,
VDDQ = Max., VIN > VHD or < VLD, f = 0(2,3)
30
30
35
30
35
mA
ISB2
Clock Running Power Supply
Current
Device Deselected, Outputs Open, VDD = Max.,
VDDQ = Max., VIN > VHD or < VLD, f = fMAX(2,3)
90
85
95
80
90
mA
IZZ
Full Sleep Mode Supply Current
ZZ > VHD, VDD = Max.
30
30
35
30
35
mA
4877 tbl 09
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Timing Reference Levels
AC Test Load
0 to 2.5V
2ns
(VDDQ/2)
(VDDQ/2)
See Figure 1
4877 tbl 10
1
2
3
4
20 30 50
100
200
∆tCD
(Typical, ns)
Capacitance (pF)
80
5
6
4877d05
,


Similar Part No. - IDT71V2577S80PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V2577S80PFI IDT-IDT71V2577S80PFI Datasheet
290Kb / 22P
   128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect
More results

Similar Description - IDT71V2577S80PFI

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71V3577S IDT-IDT71V3577S Datasheet
521Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 3.3V I/O, Flow-Through Outputs Burst Counter, Single Cycle Deselect
IDT71V67702 IDT-IDT71V67702 Datasheet
514Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 2.5V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V2576S IDT-IDT71V2576S Datasheet
282Kb / 22P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
IDT71V25761 IDT-IDT71V25761 Datasheet
513Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
logo
Renesas Technology Corp
IDT71V2576S RENESAS-IDT71V2576S Datasheet
822Kb / 23P
   128K X 36, 256K X 18 3.3V Synchronous SRAMs 2.5V I/O, Pipelined Outputs, Burst Counter, Single Cycle Deselect
JUNE 2003
logo
Integrated Device Techn...
IDT71V67703 IDT-IDT71V67703 Datasheet
975Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
IDT71V2577S IDT-IDT71V2577S Datasheet
290Kb / 22P
   128K x 36,256K x 18 3.3V Synchronous SRAMs 2.5V I/O,Flow-Through Outputs Burst Counter,Single Cycle Deselect
logo
Renesas Technology Corp
71V67703 RENESAS-71V67703 Datasheet
301Kb / 23P
   256K X 36, 512K X 18 3.3V Synchronous SRAMs 3.3V I/O, Burst Counter Flow-Through Outputs, Single Cycle Deselect
Aug.11.21
logo
Integrated Device Techn...
IDT71V3576S IDT-IDT71V3576S Datasheet
288Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
IDT71V35761S IDT-IDT71V35761S Datasheet
282Kb / 22P
   128K x 36, 256K x 18 3.3V Synchronous SRAMs 3.3V I/O, Pipelined Outputs Burst Counter, Single Cycle Deselect
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com