Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MF8CCJ Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # MF8CCJ
Description  4th-Order Switched Capacitor Bandpass Filter
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

MF8CCJ Datasheet(HTML) 1 Page - National Semiconductor (TI)

  MF8CCJ Datasheet HTML 1Page - National Semiconductor (TI) MF8CCJ Datasheet HTML 2Page - National Semiconductor (TI) MF8CCJ Datasheet HTML 3Page - National Semiconductor (TI) MF8CCJ Datasheet HTML 4Page - National Semiconductor (TI) MF8CCJ Datasheet HTML 5Page - National Semiconductor (TI) MF8CCJ Datasheet HTML 6Page - National Semiconductor (TI) MF8CCJ Datasheet HTML 7Page - National Semiconductor (TI) MF8CCJ Datasheet HTML 8Page - National Semiconductor (TI) MF8CCJ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TLH8694
January 1995
MF8 4th-Order Switched Capacitor Bandpass Filter
General Description
The MF8 consists of two second-order bandpass filter
stages and an inverting operational amplifier The two filter
stages are identical and may be used as two tracking sec-
ond-order bandpass filters or cascaded to form a single
fourth-order bandpass filter The center frequency is con-
trolled by an external clock for optimal accuracy and may
be set anywhere between 01 Hz and 20 kHz The ratio of
clock frequency to center frequency is programmable to
1001 or 501 Two inputs are available for TTL or CMOS
clock signals The TTL input will accept logic levels refer-
enced to either the negative power supply pin or the ground
pin allowing operation on single or split power supplies The
CMOS input is a Schmitt inverter which can be made to self-
oscillate using an external resistor and capacitor
By using the uncommitted amplifier and resistors for nega-
tive feedback any all-pole (Butterworth Chebyshev etc)
filter can be formed This requires only three resistors for a
fourth-order bandpass filter Q of the second-order stages
may be programmed to any of 31 different values by the five
‘‘Q logic’’ pins The available Q values span a range from
05 through 90 Overall filter bandwidth is programmed by
connecting the appropriate Q logic pins to either Va or Vb
Filters with order higher than four can be built by cascading
MF8s
Features
Y
Center frequency set by external clock
Y
Q set by five-bit digital word
Y
Uncommitted inverting op amp
Y
4th-order all-pole filters using only three external
resistors
Y
Cascadable for higher-order filters
Y
Bandwidth response characteristic and center
frequency independently programmable
Y
Separate TTL and CMOS clock inputs
Y
18 pin 03
wide package
Key Specifications
Y
Center frequency range 01 Hz to 20 kHz
Y
Q range 05 to 90
Y
Supply voltage range 9V to 14V (g45V to g7V)
Y
Center frequency accuracy 1% over full temperature
range
Typical Application
Connection Diagrams
TLH8694 – 1
Fourth-Order Butterworth Bandpass Filter
Dual-In-Line Package
TLH8694 – 2
Top View
Order Number MF8CCJ
or MF8CCN
See NS Package Number
J18A or N18A
C1995 National Semiconductor Corporation
RRD-B30M115Printed in U S A


Similar Part No. - MF8CCJ

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MF80A00B1-1000U-A99 ETC-MF80A00B1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00O1-1000U-A99 ETC-MF80A00O1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00S1-1000U-A99 ETC-MF80A00S1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00V1-1000U-A99 ETC-MF80A00V1-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
MF80A00V2-1000U-A99 ETC-MF80A00V2-1000U-A99 Datasheet
327Kb / 14P
   MagLev Motor Fan
11.30.2017
More results

Similar Description - MF8CCJ

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
MF4CN-100 NSC-MF4CN-100 Datasheet
442Kb / 13P
   4TH ORDER SWITCHED CAPACITOR BUTTERWORTH
MF4 NSC-MF4 Datasheet
466Kb / 14P
   MF4 4th Order Switched Capacitor Butterworth Lowpass Filter
MF6C NSC-MF6C Datasheet
627Kb / 18P
   ORDER SWITCHED CAPACITOR BUTTERWORTH LOWPASS FILTER
logo
Maxim Integrated Produc...
MAX7480 MAXIM-MAX7480 Datasheet
87Kb / 8P
   8th-Order, Lowpass, Butterworth, Switched-Capacitor Filter
19-1416; Rev 0; 1/99
logo
National Semiconductor ...
LMF90 NSC-LMF90 Datasheet
411Kb / 22P
   4th-Order Elliptic Notch Filter
logo
Maxim Integrated Produc...
MAX7418 MAXIM-MAX7418 Datasheet
407Kb / 14P
   5th-Order, Lowpass, Switched-Capacitor Filters
MAX7409 MAXIM-MAX7409 Datasheet
134Kb / 12P
   5th-Order, Lowpass, Switched-Capacitor Filters
19-4766; Rev 1; 9/98
logo
National Semiconductor ...
MF6 NSC-MF6 Datasheet
861Kb / 20P
   6th Order Switched Capacitor Butterworth Lowpass
LMF60 NSC-LMF60 Datasheet
391Kb / 20P
   LMF60 High Performance 6th-Order Switched Capacitor Butterworth Lowpass Filter
logo
Maxim Integrated Produc...
MAX291 MAXIM-MAX291 Datasheet
383Kb / 8P
   8th-Order, Lowpass, Switched-Capacitor Filters
Rev 1; 8/03
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com