Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ISL12029IVAZ Datasheet(PDF) 9 Page - Intersil Corporation

Part # ISL12029IVAZ
Description  Real Time Clock/Calendar with EEPROM
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12029IVAZ Datasheet(HTML) 9 Page - Intersil Corporation

Back Button ISL12029IVAZ Datasheet HTML 5Page - Intersil Corporation ISL12029IVAZ Datasheet HTML 6Page - Intersil Corporation ISL12029IVAZ Datasheet HTML 7Page - Intersil Corporation ISL12029IVAZ Datasheet HTML 8Page - Intersil Corporation ISL12029IVAZ Datasheet HTML 9Page - Intersil Corporation ISL12029IVAZ Datasheet HTML 10Page - Intersil Corporation ISL12029IVAZ Datasheet HTML 11Page - Intersil Corporation ISL12029IVAZ Datasheet HTML 12Page - Intersil Corporation ISL12029IVAZ Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
9
FN6206.6
October 18, 2006
Description
The ISL12029 device is a Real Time Clock with clock/calendar,
two polled alarms with integrated 512x8 EEPROM, oscillator
compensation, CPU Supervisor (Power-on Reset, Low Voltage
Sensing and Watchdog Timer) and battery backup switch.
The oscillator uses an external, low-cost 32.768kHz crystal.
All compensation and trim components are integrated on the
chip. This eliminates several external discrete components
and a trim capacitor, saving board area and component cost.
The Real-Time Clock keeps track of time with separate
registers for Hours, Minutes, Seconds. The Calendar has
separate registers for Date, Month, Year and Day-of-week.
The calendar is correct through 2099, with automatic leap
year correction.
The Dual Alarms can be set to any Clock/Calendar value for a
match. For instance, every minute, every Tuesday, or 5:23 AM
on March 21. The alarms can be polled in the Status Register
or can provide a hardware interrupt (IRQ/FOUT Pin). There is a
repeat mode for the alarms allowing a periodic interrupt.
The IRQ/FOUT pin may be software selected to provide a
frequency output of 1Hz, 4096Hz, or 32,768Hz or inactive.
The ISL12029 device integrates CPU Supervisory functions
(POR, WDT) and Battery Switch. There is Power-On-Reset
(RESET) output with 250ms delay from power-on when the
VDD supply crosses the VRESET threshold for the device. It will
also assert RESET when VDD goes below the specified
VRESET threshold for the device. The VRESET threshold is
selectable via VTS2/VTS1/VTS0 registers to five (5)
preselected levels. Their is WatchDog Timer (WDT) with 3
selectable time-out periods (0.25s, 0.75s and 1.75s) and
disabled setting. The WatchDog Timer activates the RESET pin
when it expires. Normally, the I2C Interface is disabled when the
RESET output is active, but this can be changed by using a
register bit to enable I2C operation in battery backup mode.
The device offers a backup power input pin. This VBAT pin
allows the device to be backed up by battery or SuperCap. The
entire ISL12029 device is fully operational from 2.7 to 5.5V and
the clock/calendar portion of the ISL12029 device remains fully
operational down to 1.8V (Standby Mode).
The ISL12029 device provides 4K bits of EEPROM with 8
modes of BlockLock™ control. The BlockLock allows a safe,
secure memory for critical user and configuration data, while
allowing a large user storage area.
Pin Descriptions
Serial Clock (SCL)
The SCL input is used to clock all data into and out of the
device. The input buffer on this pin is always active (not
gated). The pull-up resistor on this pin must use the same
voltage source as VDD.
Serial Data (SDA)
SDA is a bidirectional pin used to transfer data into and out
of the device. It has an open drain output and may be wire
ORed with other open drain or open collector outputs. The
input buffer is always active (not gated).
This open drain output requires the use of a pull-up resistor.
The pull-up resistor on this pin must use the same voltage
source as VDD. The output circuitry controls the fall time of the
output signal with the use of a slope controlled pull-down. The
circuit is designed for 400kHz I2C interface speed.
VBAT
This input provides a backup supply voltage to the device.
VBAT supplies power to the device in the event the VDD
supply fails. This pin can be connected to a battery, a
SuperCap or tied to ground if not used.
IRQ/FOUT (Interrupt Output/Frequency Output)
This dual function pin can be used as an interrupt or
frequency output pin. The IRQ/FOUT mode is selected via
the frequency out control bits of the control/status register.
• Interrupt Mode. The pin provides an interrupt signal
output. This signal notifies a host processor that an alarm
has occurred and requests action. It is an open drain
active low output.
• Frequency Output Mode. The pin outputs a clock signal
which is related to the crystal frequency. The frequency
output is user selectable and enabled via the I2C bus. It is
an open drain output.
The IRQ/FOUT pin is an open drain output requiring a pull-up
resistor which was intended to be used for clocking
applications for micro controllers. Choose the pull-up resistor
with care, since low values will cause high currents to flow in
the VDD and ground traces around the device which can
contribute to faulty oscillator function. For a 32kHz output,
values up to 10k
Ω can be used with some degradation of the
square waveform.
RESET
The RESET signal output can be used to notify a host
processor that the watchdog timer has expired or the VDD
voltage supply has dipped below the VRESET threshold. It is
an open drain, active LOW output. Recommended value for
the pull-up resistor is 10k
Ω. If unused it can be tied to
ground.
X1, X2
The X1 and X2 pins are the input and output, respectively, of
an inverting amplifier. An external 32.768kHz quartz crystal is
used with the ISL12029 to supply a timebase for the real time
clock. Internal compensation circuitry provides high accuracy
over the operating temperature range from -40°C to +85°C.
This oscillator compensation network can be used to calibrate
the crystal timing accuracy over temperature either during
manufacturing or with an external temperature sensor and
ISL12029


Similar Part No. - ISL12029IVAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12029IVAZ INTERSIL-ISL12029IVAZ Datasheet
580Kb / 30P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
ISL12029IVAZ INTERSIL-ISL12029IVAZ Datasheet
580Kb / 29P
   Real Time Clock/Calendar with I2C Bus??and EEPROM
logo
Renesas Technology Corp
ISL12029IVAZ RENESAS-ISL12029IVAZ Datasheet
1Mb / 29P
   Real Time Clock/Calendar with I2C Bus™ and EEPROM
December 16, 2010
More results

Similar Description - ISL12029IVAZ

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027_10 Datasheet
390Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1240 XICOR-X1240 Datasheet
74Kb / 19P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12027 INTERSIL-ISL12027 Datasheet
414Kb / 28P
   Real Time Clock/Calendar with EEPROM
logo
Renesas Technology Corp
ISL12027 RENESAS-ISL12027 Datasheet
1Mb / 29P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12026 INTERSIL-ISL12026 Datasheet
381Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Xicor Inc.
X1226 XICOR-X1226 Datasheet
420Kb / 24P
   Real Time Clock/Calendar with EEPROM
logo
Intersil Corporation
ISL12028 INTERSIL-ISL12028 Datasheet
423Kb / 28P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226_06 Datasheet
372Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1226 INTERSIL-X1226 Datasheet
388Kb / 25P
   Real Time Clock/Calendar with EEPROM
X1243 INTERSIL-X1243 Datasheet
293Kb / 17P
   Real Time Clock/Calendar/Alarm with EEPROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com