Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IXC1100 Datasheet(PDF) 9 Page - Intel Corporation

Part # IXC1100
Description  Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTEL [Intel Corporation]
Direct Link  http://www.intel.com
Logo INTEL - Intel Corporation

IXC1100 Datasheet(HTML) 9 Page - Intel Corporation

Back Button IXC1100 Datasheet HTML 5Page - Intel Corporation IXC1100 Datasheet HTML 6Page - Intel Corporation IXC1100 Datasheet HTML 7Page - Intel Corporation IXC1100 Datasheet HTML 8Page - Intel Corporation IXC1100 Datasheet HTML 9Page - Intel Corporation IXC1100 Datasheet HTML 10Page - Intel Corporation IXC1100 Datasheet HTML 11Page - Intel Corporation IXC1100 Datasheet HTML 12Page - Intel Corporation IXC1100 Datasheet HTML 13Page - Intel Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 134 page
background image
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Datasheet
March 2005
Document Number: 252479, Revision: 005
9
1.0
Introduction
1.1
About this Document
This datasheet contains a functional overview of the Intel® IXP42X Product Line of Network
Processors and IXC1100 Control Plane Processor, as well as mechanical data (package signal
locations and simulated thermal characteristics), targeted electrical specifications, and some bus
functional wave forms for the device. Detailed functional descriptions — other than parametric
performance — are published in the Intel® IXP42X Product Line of Network Processors and
IXC1100 Control Plane Processor Developer’s Manual.
Other related documents are shown in Table 1.
Table 1.
Related Documents
Document Title
Document #
Intel® IXP4XX Product Line of Network Processors Specification Update
306428
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Developer’s Manual
252480
Intel® IXP400 Software Programmer’s Guide
252539
Intel® IXP400 Software Specification Update
273795
Intel XScale® Core Developer’s Manual
273473
Intel® IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
Hardware Design Guidelines
252817
Intel XScale® Microarchitecture Technical Summary
PCI Local Bus Specification, Rev. 2.2
Universal Serial Bus Specification, Revision 1.1
PC133 SDRAM Specification
Table 2.
Terminology and Acronyms
Acronym/
Terminology
Description
AAL
ATM Adaptation Layers
AES
Advanced Encryption Standard
AHB
Advanced High-Performance Bus
APB
Advanced Peripheral Bus
API
Application Program Interface
Assert
The logically active value of a signal or bit.
ATM
Asynchronous Transmission Mode
AQM
AHB Queue Manager
BTB
Branch Target Buffer
CRC
Cyclical Redundancy Check
Deassert
The logically inactive value of a signal or bit.


Similar Part No. - IXC1100

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXC IXYS-IXC Datasheet
553Kb / 3P
   High Voltage Current Regulators
IXCP01N90E IXYS-IXCP01N90E Datasheet
121Kb / 3P
   Gate Controlled Current Limiter
IXCP02M45 IXYS-IXCP02M45 Datasheet
557Kb / 3P
   High Voltage Current Regulators
IXCP100M35 IXYS-IXCP100M35 Datasheet
557Kb / 3P
   High Voltage Current Regulators
IXCP10M35S IXYS-IXCP10M35S Datasheet
92Kb / 2P
   Switchable Current Regulators
More results

Similar Description - IXC1100

ManufacturerPart #DatasheetDescription
logo
Intel Corporation
PRIXP425BD INTEL-PRIXP425BD Datasheet
2Mb / 112P
   Intel짰 IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
252479-007US INTEL-252479-007US Datasheet
2Mb / 128P
   Intel IXP42X Product Line of Network Processors and IXC1100 Control Plane Processor
IXP45X INTEL-IXP45X Datasheet
1Mb / 148P
   Product Line of Network Processors
NHIXP435AD INTEL-NHIXP435AD Datasheet
252Kb / 24P
   Intel IXP43X Product Line of Network Processors
EP80579 INTEL-EP80579 Datasheet
19Mb / 1916P
   Intel짰 EP80579 Integrated Processor Product Line
IXP2400 INTEL-IXP2400 Datasheet
2Mb / 126P
   Intel짰 IXP2400 Network Processor
logo
Advantech Co., Ltd.
FWA-3230A_B ADVANTECH-FWA-3230A_B_15 Datasheet
732Kb / 2P
   1U Rackmount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
FWA-3231 ADVANTECH-FWA-3231_15 Datasheet
635Kb / 2P
   1U Rack mount Network Application Platform with 4th gen. Intel짰 Xeon짰 Processor E3 series and Intel짰 Core??i7/i5/i3 Processors
logo
Broadcom Corporation.
BCM5365 BOARDCOM-BCM5365 Datasheet
131Kb / 2P
   SENTRY 5 PRODUCT LINE: SECURED SWITCH PROCESSORS
logo
Axiomtek Co., Ltd.
NA361 AXIOMTEK-NA361 Datasheet
381Kb / 1P
   Compact Network Appliance Platform with Intel짰 Atom??Rangeley Processor and 6 LANs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com