Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D2410 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # D2410
Description  Zero Voltage and Random Turn-On Switching
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

D2410 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  D2410 Datasheet HTML 1Page - List of Unclassifed Manufacturers D2410 Datasheet HTML 2Page - List of Unclassifed Manufacturers D2410 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
12
8
4
0
2
4
8
10
6
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [ºC]
110
115
120
10A
9ºC/W
5ºC/W
3ºC/W
7ºC/W
NO HEATSINK
30
20
10
25
15
5
0
5
10
20
25
15
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [ºC]
95
120
25A
1ºC/W
100
110
3ºC/W
NO HEATSINK
60
40
20
0
10
20
40
50
30
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [ºC]
90
50A
2ºC/W
1ºC/W
.5ºC/W
100
110
120
1.5ºC/W
NO HEATSINK
120
80
40
0
15
30
60
75
45
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [ºC]
100
110
120
75A
.5ºC/W
95
1ºC/W
120
80
40
0
20
40
80
0
60
20
40
60
80
Load Current [Arms]
Max Ambient Temp. [ºC]
100
110
120
90A
1ºC/W
.4ºC/W
.2ºC/W
90
.5ºC/W
2ºC/W
.3ºC/W
Series 1
10-90Amp • 120, 240 Vac • AC Output
CURRENT DERATING CURVES
FastFax Document No.151
SERIES1.032698, PAGE 3 OF 3
©1998 CRYDOM CORP, Specifications subject to change without notice.
For recommended applications and more information contact:
USA: (800) 8 CRYDOM • (800) 827-9366 • (619) 715-7200 • fax (619) 715-7280
Crydom Corp, 9525 Chesapeake Drive, San Diego, CA 92123 • e-mail: sales@crydom.com
WEB SITE: http://www.crydom.com FASTFAX Product Information: (888) 267-9191
UK: (44)1202 812300 • fax (44)1202 812340 Crydom International Ltd., 85, Condor Close,
Woolsbridge Industrial Estate, Three-Legged Cross. Wimborne, Dorset, England BH21 6SU
GERMANY: (49)871 935405 • fax (49)871 935407, Aussere Parkstr.5, D-84032 Altdorf, Germany


Similar Part No. - D2410

ManufacturerPart #DatasheetDescription
logo
Crydom Inc.,
D2410 CRYDOM-D2410 Datasheet
748Kb / 5P
   SCR output for heavy industrial loads
D2410 CRYDOM-D2410 Datasheet
1Mb / 20P
   THE GLOBAL EXPERT IN SOLID STATE RELAY TECHNOLOGY
D2410 CRYDOM-D2410 Datasheet
822Kb / 6P
   panel mount
D2410 CRYDOM-D2410 Datasheet
759Kb / 8P
   Ratings from 10A to 125A @ 24-280 VAC
D2410 CRYDOM-D2410 Datasheet
1,017Kb / 8P
   Panel Mount
More results

Similar Description - D2410

ManufacturerPart #DatasheetDescription
logo
TE Connectivity Ltd
SSR TEC-SSR Datasheet
474Kb / 2P
   Zero voltage and random voltage turn-on versions
logo
Willow Technologies Ltd
682 WILLOW-682 Datasheet
130Kb / 2P
   Zero voltage turn-on SCR output
logo
Toshiba Semiconductor
TSS8G48S TOSHIBA-TSS8G48S Datasheet
210Kb / 4P
   OPTICALLY ISOLATED, ZERO VOLTAGE TURN-ON, ZERO CURRENT TURN-OFF, NORMALLY OPEN SSR
logo
American Electronic Com...
SRA3 AEC-SRA3 Datasheet
620Kb / 3P
   Zero cross-over or Random switching
SRA1 AEC-SRA1 Datasheet
356Kb / 2P
   Zero cross-over or Random switching
logo
SHIKUES Electronics
BAS40WS SKTECHNOLGY-BAS40WS Datasheet
1Mb / 3P
   Low Turn-on Voltage, Fast Switching
logo
First Components Intern...
BAT54WS FCI-BAT54WS Datasheet
143Kb / 2P
   Low Turn-On Voltage, Fast Switching
logo
SHIKUES Electronics
BAS70 SKTECHNOLGY-BAS70 Datasheet
863Kb / 1P
   Low Turn-on Voltage, Fast Switching
BAT54T SKTECHNOLGY-BAT54T Datasheet
709Kb / 3P
   Low Turn-on voltage, Fast Switching
logo
Nanjing International G...
BAS70WS DGNJDZ-BAS70WS Datasheet
984Kb / 1P
   Low Turn-on Voltage
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com