Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EPI0L3702KSP56 Datasheet(PDF) 8 Page - PCA ELECTRONICS INC.

Part # EPI0L3702KSP56
Description  Contents Surface Mount Power Inductor
Download  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PCA [PCA ELECTRONICS INC.]
Direct Link  http://www.pca.com
Logo PCA - PCA ELECTRONICS INC.

EPI0L3702KSP56 Datasheet(HTML) 8 Page - PCA ELECTRONICS INC.

Back Button EPI0L3702KSP56 Datasheet HTML 4Page - PCA ELECTRONICS INC. EPI0L3702KSP56 Datasheet HTML 5Page - PCA ELECTRONICS INC. EPI0L3702KSP56 Datasheet HTML 6Page - PCA ELECTRONICS INC. EPI0L3702KSP56 Datasheet HTML 7Page - PCA ELECTRONICS INC. EPI0L3702KSP56 Datasheet HTML 8Page - PCA ELECTRONICS INC. EPI0L3702KSP56 Datasheet HTML 9Page - PCA ELECTRONICS INC. EPI0L3702KSP56 Datasheet HTML 10Page - PCA ELECTRONICS INC. EPI0L3702KSP56 Datasheet HTML 11Page - PCA ELECTRONICS INC. EPI0L3702KSP56 Datasheet HTML 12Page - PCA ELECTRONICS INC. Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 50 page
background image
E L E C T R O N I C S I N C .
Surface Mount Power Inductor
TEL: (818) 892-0761
FAX: (818) 894-5791
http://www.pca.com
PCA ELECTRONICS, INC.
16799 SCHOENBORN ST.
NORTH HILLS, CA 91343
• 150 KHz Switching Frequency for National’s LM259X Series
• Low loss material ensures operation in high frequency switching
converters, such as Buck, Boost or as output averaging filter inductor
• Also suitable for use in high quality filter applications
• 200 KHz & 500 KH KHz Switching Frequency
• Low Cost Inductor
EPI B38 Series
Product performance is limited to specified parameters. Data is subject to change without prior notice.
Primary Specification
Unless Otherwise Specified Dimensions are in Inches /mm ± .010 /.25
CSIXXXXXXB38
Rev. 6
3/5/03
Package B38
.545
(13.94)
.510
(12.95)
.550
(103.97)
.510
(12.95)
.520
(13.21)
.060 (1.52)
Suggested
Pad
Latout
.350 Max.
(8.89)
Note: Coplanarity within .005” Max.
PCA
EPIXXXXXXB38
D.C.
Temp. Rise
Vt3
(V-µsec)
@
150 KHz
---
---
---
---
---
---
---
12.7
---
14.7
---
18
---
22
---
26
---
---
---
---
32
38.7
---
46.7
56.7
---
1.3
2.3
3.6
6.0
8.1
11.6
14.4
17.4
20.7
24.0
30.0
37.0
41.6
52.0
60.5
76
3.6
6.1
20.7
69.7
113
166
260
242
360
518
Inductance
(µH ± 15%)
@ 0 Adc
DCR
(
Ω Typ.)
.004
.005
.006
.013
.020
.030
.042
.046
.062
.087
.097
.130
.174
.248
.268
.300
.0063
.0132
.050
.180
.365
.560
.434
.836
1.30
.783
Vt2
(V-µsec)
@
500 KHz
1.0
1.3
1.6
2.0
2.3
2.8
3.1
3.4
3.7
4.0
4.5
5.0
5.3
5.9
6.4
7.8
2.0
2.8
5.2
9.4
12
14.8
18.2
17.6
21.6
26
Idc
(Amps)
9.4
8.0
6.6
5.0
4.4
3.4
2.8
2.6
2.3
1.8
1.6
1.4
1.2
1.1
1.0
1.0
8.0
5.4
2.7
1.3
.82
.66
.90
.55
.42
.72
Part
Number
EPI1L1942B38
EPI1L9802B38
EPI3L0662B38
EPI5L0502B38
EPI6L6442B38
EPI100342B38
EPI120282B38
EPI150262B38
EPI180232B38
EPI220182B38
EPI270162B38
EPI330142B38
EPI390122B38
EPI470112B38
EPI560102B38
EPI680102B38
EPI2L8802B38
EPI4L9542B38
EPI170272B38
EPI600132B38
EPI101821B38
EPI151661B38
EPI201901B38
EPI221551B38
EPI331421B38
EPI381721B38
Inductance
(µH ± 15%)
@ Idc
1.1
1.9
3.0
5.0
6.6
10.0
12.0
15.0
18.0
22.0
27.0
33.0
39.0
47.0
56.0
68.0
2.8
4.9
17
60
100
150
200
220
330
380
Vt1
(V-µsec)
@
200 KHz
2.3
3.1
3.9
5.0
5.8
7.0
7.8
8.5
9.3
10.0
11.3
12.4
13.3
14.8
16.0
19.5
3.8
5.0
9.0
17
21.5
26
33
31.5
38.5
46.5
National
Semicon.
Chip
---
---
---
---
---
---
---
LM259X-L25
---
LM259X-L24
---
LM259X-L23
---
LM259X-L22
---
LM259X-L21
---
---
---
---
LM259X-L20
LM259X-L19
---
LM259X-L18
LM259X-L17
---
40
39
35
40
37
40
40
38
39
35
32
33
32
37
34
37
46
46
43
37
32
32
42
32
30
46
@ Vt1
°C
(Typ.)
@ Vt2
°C
(Typ.)
40
39
35
40
37
40
40
38
39
35
32
33
32
37
34
37
46
46
43
37
32
32
42
32
30
46
@ Vt3
°C
(Typ.)
---
---
---
---
---
---
---
41
---
38
---
36
---
40
---
40
---
---
---
---
35
35
---
35
33
---
Notes :
1. Core loss at ref. Vt 1 & VT 2 = 37 mW
2. Core loss at ref. Vt 3 = 67 mW
3. Inductance change at Idc: 20% Max.
4. Coplanarity within .005” Max.


Similar Part No. - EPI0L3702KSP56

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L3143KSP56 PCA-EPI0L3143KSP56 Datasheet
53Kb / 2P
   Surface Mount Power Inductor
EPI0L3143KSP56-LF PCA-EPI0L3143KSP56-LF Datasheet
53Kb / 2P
   Surface Mount Power Inductor
EPI0L3153KSP56L PCA-EPI0L3153KSP56L Datasheet
60Kb / 2P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L3552KSP45L-LF PCA-EPI0L3552KSP45L-LF Datasheet
52Kb / 2P
   Surface Mount Power Inductor
More results

Similar Description - EPI0L3702KSP56

ManufacturerPart #DatasheetDescription
logo
PCA ELECTRONICS INC.
EPI0L8103B44 PCA-EPI0L8103B44 Datasheet
58Kb / 1P
   Surface Mount Power Inductor
EPI1L7312B30 PCA-EPI1L7312B30 Datasheet
59Kb / 1P
   Surface Mount Power Inductor
EPI6L5972BH68 PCA-EPI6L5972BH68 Datasheet
33Kb / 1P
   Surface Mount Power Inductor
EPI0L3552KSP45L PCA-EPI0L3552KSP45L Datasheet
52Kb / 2P
   Surface Mount Power Inductor
EPI0L4592KSP45 PCA-EPI0L4592KSP45 Datasheet
59Kb / 2P
   Surface Mount Power Inductor
EPI1L4143BH44 PCA-EPI1L4143BH44 Datasheet
52Kb / 1P
   Surface Mount Power Inductor
EPI1L0303D PCA-EPI1L0303D Datasheet
40Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
30000B MURATA-30000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
logo
PCA ELECTRONICS INC.
EPI100232G3229 PCA-EPI100232G3229 Datasheet
42Kb / 1P
   Surface Mount Power Inductor
logo
Murata Manufacturing Co...
3000B MURATA-3000B Datasheet
175Kb / 3P
   Surface Mount Power Inductor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com