Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA3691IDR Datasheet(PDF) 8 Page - Burr-Brown (TI)

[Old version datasheet] Texas Instruments acquired Burr-Brown Corporation.
Part # OPA3691IDR
Description  Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BURR-BROWN [Burr-Brown (TI)]
Direct Link  http://www.burr-brown.com
Logo BURR-BROWN - Burr-Brown (TI)

OPA3691IDR Datasheet(HTML) 8 Page - Burr-Brown (TI)

Back Button OPA3691IDR Datasheet HTML 4Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 5Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 6Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 7Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 8Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 9Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 10Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 11Page - Burr-Brown (TI) OPA3691IDR Datasheet HTML 12Page - Burr-Brown (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 25 page
background image
OPA3691
SBOS227A
8
www.ti.com
TYPICAL CHARACTERISTICS: VS = ±5V (Cont.)
TA = +25°C, G = +2, and RL = 100Ω, (see Figure 1 for AC performance only), unless otherwise noted.
18
16
14
12
10
250
200
150
100
50
0
SUPPLY AND OUTPUT CURRENT vs TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
Sourcing Output Current
Sinking Output Current
Quiescent Supply Current
(all channels)
5
4
3
2
1
0
–1
–2
–3
–4
–5
OUTPUT VOLTAGE AND CURRENT LIMITATIONS
I
O (mA)
–150
–200
–250
–300
–50
–100
0
+100
+50
+200
+150
+250 +300
100
Ω Load Line
50
Ω Load Line
25
Load Line
Output Current Limit
1W Internal
Power Limit
Single Channel
1W Internal
Power Limit
Single Channel
Output Current Limit
2
1.5
1
0.5
0
–0.5
–1
–1.5
–2
TYPICAL DC DRIFT OVER TEMPERATURE
Ambient Temperature (
°C)
–50
–25
0
25
50
75
100
125
40
30
20
10
0
–10
–20
–30
–40
Noninverting Input Bias Current (I
B+)
Inverting Input
Bias Current (I
B–)
Input Offset
Voltage (V
OS)
10
1
0.1
0.01
CLOSED-LOOP OUTPUT IMPEDANCE
vs FREQUENCY
Frequency (Hz)
10k
100M
100k
1M
10M
1/3
OPA3691
402
+5
–5
402
50
Z
O
2.0
1.6
1.2
0.8
0.4
0
LARGE-SIGNAL DISABLE/ENABLE RESPONSE
Time (200ns/div)
6.0
4.0
2.0
0
V
DIS
Output Voltage
V
IN = +1V
–55
–60
–65
–70
–75
–80
–85
–90
–95
–100
ALL HOSTILE CROSSTALK
Frequency (MHz)
0.1
1
10
100


Similar Part No. - OPA3691IDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA3691IDR TI1-OPA3691IDR Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
OPA3691IDRG4 TI1-OPA3691IDRG4 Datasheet
1Mb / 32P
[Old version datasheet]   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER
More results

Similar Description - OPA3691IDR

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA3681 BURR-BROWN-OPA3681 Datasheet
234Kb / 21P
   Triple Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3695 TI1-OPA3695_14 Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER with Disable
logo
Burr-Brown (TI)
OPA681 BURR-BROWN-OPA681 Datasheet
241Kb / 21P
   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA691 TI-OPA691 Datasheet
410Kb / 23P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
OPA691 TI1-OPA691_15 Datasheet
1Mb / 31P
[Old version datasheet]   Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Burr-Brown (TI)
OPA3680 BURR-BROWN-OPA3680 Datasheet
225Kb / 21P
   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA3690ID TI-OPA3690ID Datasheet
1Mb / 39P
[Old version datasheet]   Triple, Wideband, Voltage-Feedback OPERATIONAL AMPLIFIER with Disable
OPA695 TI1-OPA695_16 Datasheet
1Mb / 58P
[Old version datasheet]   Ultra-Wideband, Current-Feedback Operational Amplifier With Disable
logo
Burr-Brown (TI)
OPA2681 BURR-BROWN-OPA2681 Datasheet
292Kb / 21P
   Dual Wideband, Current Feedback OPERATIONAL AMPLIFIER With Disable
logo
Texas Instruments
OPA695IDGKR TI1-OPA695IDGKR Datasheet
1Mb / 41P
[Old version datasheet]   Ultra-Wideband, Current-Feedback OPERATIONAL AMPLIFIER With Disable
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com