Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RT9174CS Datasheet(PDF) 6 Page - Richtek Technology Corporation

Part # RT9174CS
Description  Triple Linear Regulator Controllers
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RICHTEK [Richtek Technology Corporation]
Direct Link  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT9174CS Datasheet(HTML) 6 Page - Richtek Technology Corporation

  RT9174CS Datasheet HTML 1Page - Richtek Technology Corporation RT9174CS Datasheet HTML 2Page - Richtek Technology Corporation RT9174CS Datasheet HTML 3Page - Richtek Technology Corporation RT9174CS Datasheet HTML 4Page - Richtek Technology Corporation RT9174CS Datasheet HTML 5Page - Richtek Technology Corporation RT9174CS Datasheet HTML 6Page - Richtek Technology Corporation RT9174CS Datasheet HTML 7Page - Richtek Technology Corporation RT9174CS Datasheet HTML 8Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
RT9174
Preliminary
www.richtek-ic.com.tw
DS9174-00 April 2001
6
Applications Information
Capacitors Selection
A 0.1
µF minimum capacitor is recommended
between VDD and ground to increase stability. The
linear controllers use dominant pole compensation
integrated into the error amplifier and are sensitive to
output capacitor selection. When driving external
pass transistor, normally a minimum 470
µF capacitor
must be placed at output for stability and good
transient response. When using internal pass
transistor, just need 10
µF capacitor for stable.
Pass Transistor Selection
The RT9174 are designed specifically to driver
external NPN or NMOSFET pass transistor for up to
5A output current. The driver could deliver more
100mA when driving NPN transistor and sinking for a
pull up resistor load when driving a NMOSFET.
Typically pass transistor with NPN hfe > 50 at Imax or
NMOSFET Rds-on 100m
Ω are suitable in most
application.
Output Voltage Setting
The RT9174 develop a 0.8V reference voltage,
especially suit for low voltage application. As shown
in Fig. 4, the output voltage could be easy set by R1
& R2 resistor. The divided resistor must keep below
1K
Ω for quick response and stability.
Tri-state Operation
A special Tri-state design is empolyed in the RT9174
for AGP 2X/4X power supply. Typical application
shown the detail circuit. In AGP 2X SELECT = open,
FB1 will be pulled up over 1.3V through R8 to trip the
Tri-state threshold. R8 has to meet the following
relationship:
R8 < 0.75 (V33 - 1.3)
×R2,
if
1.5
0.8
R
R
R
3
2
3
=
×
+
.
When in AGP 4X SELECT = GND, VDDQ will work in
normal 1.5V setting.
Layout Considerations
There are two critical layout considerations. One is
the divider resistors should be located to RT9174 as
possible to avoid inducing any noise. The second is
COUT should be put at near the pass transistor to
avoid oscillation.
RT9174
+
1
µF
Fig 4
VDD
DRI1
DRI2
DRI3
FB1
FB2
FB3
VDD
R1
R2
VIN
COUT
VOUT
As close as to RT9174


Similar Part No. - RT9174CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174GS RICHTEK-RT9174GS Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174PS RICHTEK-RT9174PS Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
   Triple Linear Regulator Controllers
More results

Similar Description - RT9174CS

ManufacturerPart #DatasheetDescription
logo
Richtek Technology Corp...
RT9174 RICHTEK-RT9174_11 Datasheet
115Kb / 7P
   Triple Linear Regulator Controllers
RT9174 RICHTEK-RT9174_07 Datasheet
106Kb / 7P
   Triple Linear Regulator Controllers
logo
Semtech Corporation
SC1112 SEMTECH-SC1112 Datasheet
338Kb / 21P
   Triple Low Dropout Regulator Controllers
SC1112 SEMTECH-SC1112_06 Datasheet
353Kb / 23P
   Triple Low Dropout Regulator Controllers
logo
Analog Intergrations Co...
AIC1574 AIC-AIC1574 Datasheet
381Kb / 20P
   5-bit DAC, Synchronous PWM Power Regulator with Triple Linear Controllers
logo
Anpec Electronics Corop...
APW6021 ANPEC-APW6021 Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
APW6021A ANPEC-APW6021A Datasheet
139Kb / 13P
   Advanced PWM and Triple Linear Power Controllers
logo
Richtek Technology Corp...
RT9641A RICHTEK-RT9641A Datasheet
232Kb / 14P
   TRIPLE LINEAR REGULATOR CONTROLLER SUPPORT
logo
Analog Devices
ADP3171 AD-ADP3171 Datasheet
310Kb / 12P
   Synchronous Buck Controller with Dual Linear Regulator Controllers
REV. 0
logo
Texas Instruments
TPS65100-Q1 TI1-TPS65100-Q1_16 Datasheet
2Mb / 33P
[Old version datasheet]   Triple-Output LCD Supply With Linear Regulator
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com