Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KA278RXXC Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part No. KA278RXXC
Description  2A Output Low Dropout Voltage Regulators
Download  20 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  FAIRCHILD [Fairchild Semiconductor]
Homepage  http://www.fairchildsemi.com
Logo 

KA278RXXC Datasheet(HTML) 1 Page - Fairchild Semiconductor

 
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
©2005 Fairchild Semiconductor Corporation
www.fairchildsemi.com
Rev. 1.0.2
Features
KA278RXXC-series (33/05/51/09/12)
• 2A/3.3V, 5V, 5.1V, 9V, 12V output low dropout voltage
regulator
• TO-220 full-mold package (4pin)
• Overcurrent protection, thermal shutdown
• Overvoltage protection, short circuit protection
• With output disable function
KA278RA05C
• Nominal 5V output without adjusting
• Output adjustable between 1.25V and 32V
• 2A output low dropout voltage regulator
• TO-220 full-mold package (4pin)
• Overcurrent protection, thermal shutdown
• Overvoltage protection, short circuit protection
Description
The KA278RXXC is a low-dropout voltage regulator suit-
able for various electronic equipments. It provides
constant voltage power source with TO-220-4 lead full mold
package. The dropout voltage of KA278RXXC is below
0.5V in full rated current(2A). This regulator has various
functions such as a peak current protection, a thermal shut
down, an overvoltage protection .
TO-220F-4L
1.Vin 2. Vo 3. GND 4. Vdis - KA278RXXC(33/05/51/09/12)
1
1.Vin 2. Vo 3. GND 4. Vadj - KA278RA05C
Internal Block Diagram
THERMAL SHUTDOWN
BANDGAP REFERENCE
OVERVOLTAGE
PROTECTION
SOA PROTECTION
SHORTCIRCUIT
PROTECTION
1
4
3
2
Vin
Vadj
Vo
GND
Q1
Rin
Rref
+
-
THERMAL SHUTDOWN
BANDGAP REFERENCE
OVERVOLTAGE
PROTECTION
SOA PROTECTION
SHORTCIRCUIT
PROTECTION
1
4
3
2
Vin
Vdis
Vo
GND
HIGH / LOW
OUTPUT
ON / OFF
Q1
R1
R2
-
+
-
+
1.4V
(KA278RA05C)
(KA278R33/05/51/09/12C)
KA278RXXC-Series
2A Output Low Dropout Voltage Regulators


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn