Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BTA140B Datasheet(PDF) 2 Page - NXP Semiconductors

Part # BTA140B
Description  Triacs
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

BTA140B Datasheet(HTML) 2 Page - NXP Semiconductors

  BTA140B Datasheet HTML 1Page - NXP Semiconductors BTA140B Datasheet HTML 2Page - NXP Semiconductors BTA140B Datasheet HTML 3Page - NXP Semiconductors BTA140B Datasheet HTML 4Page - NXP Semiconductors BTA140B Datasheet HTML 5Page - NXP Semiconductors BTA140B Datasheet HTML 6Page - NXP Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Philips Semiconductors
Product specification
Triacs
BTA140B series
THERMAL RESISTANCES
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
R
th j-mb
Thermal resistance
full cycle
-
-
1.0
K/W
junction to mounting base
half cycle
-
-
1.4
K/W
R
th j-a
Thermal resistance
minimum footprint, FR4 board
-
55
-
K/W
junction to ambient
STATIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
I
GT
Gate trigger current
V
D = 12 V; IT = 0.1 A
T2+ G+
-
6
35
mA
T2+ G-
-
10
35
mA
T2- G-
-
11
35
mA
T2- G+
-
23
70
mA
I
L
Latching current
V
D = 12 V; IGT = 0.1 A
T2+ G+
-
8
40
mA
T2+ G-
-
30
60
mA
T2- G-
-
18
40
mA
T2- G+
-
15
60
mA
I
H
Holding current
V
D = 12 V; IGT = 0.1 A
T2+
-
7
30
mA
T2-
-
12
30
mA
V
T
On-state voltage
I
T = 30 A
-
1.2
1.55
V
V
GT
Gate trigger voltage
V
D = 12 V; IT = 0.1 A
-
0.7
1.5
V
V
D = 400 V; IT = 0.1 A; Tj = 125 ˚C
0.25
0.4
-
V
I
D
Off-state leakage current
V
D = VDRM(max); Tj = 125 ˚C
-
0.1
0.5
mA
DYNAMIC CHARACTERISTICS
T
j = 25 ˚C unless otherwise stated
SYMBOL
PARAMETER
CONDITIONS
MIN.
TYP.
MAX.
UNIT
dV
D/dt
Critical rate of rise of
V
DM = 67% VDRM(max); Tj = 125 ˚C;
100
300
-
V/
µs
off-state voltage
exponential waveform; gate open circuit
dV
com/dt
Critical rate of change of
V
DM = 400 V; Tj = 95 ˚C; IT(RMS) = 25 A;
-
10
-
V/
µs
commutating voltage
dI
com/dt = 9 A/ms; gate open circuit
t
gt
Gate controlled turn-on
I
TM = 30 A; VD = VDRM(max); IG = 0.1 A;
-
2
-
µs
time
dI
G/dt = 5 A/µs
September 1997
2
Rev 1.100


Similar Part No. - BTA140B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BTA140 PHILIPS-BTA140 Datasheet
47Kb / 6P
   Triacs
September 1997 Rev 1.200
BTA140-500 PHILIPS-BTA140-500 Datasheet
47Kb / 6P
   Triacs
September 1997 Rev 1.200
BTA140-600 PHILIPS-BTA140-600 Datasheet
47Kb / 6P
   Triacs
September 1997 Rev 1.200
logo
Inchange Semiconductor ...
BTA140-600 ISC-BTA140-600 Datasheet
157Kb / 1P
   isc Thyristors
logo
WeEn Semiconductors
BTA140-600 WEEN-BTA140-600 Datasheet
534Kb / 13P
   4Q Triac
More results

Similar Description - BTA140B

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
BT137SE PHILIPS-BT137SE Datasheet
54Kb / 6P
   Triacs Triacs
October 1997 Rev 1.200
logo
Inchange Semiconductor ...
BT138-600 ISC-BT138-600 Datasheet
116Kb / 1P
   Triacs
BT139-600 ISC-BT139-600 Datasheet
117Kb / 1P
   Triacs
BTA16-600B ISC-BTA16-600B Datasheet
61Kb / 1P
   Triacs
logo
Unisonic Technologies
UT137FF UTC-UT137FF Datasheet
144Kb / 5P
   TRIACS
logo
Comset Semiconductor
BT138 COMSET-BT138 Datasheet
171Kb / 3P
   TRIACS
logo
Unisonic Technologies
UT137FE UTC-UT137FE Datasheet
132Kb / 5P
   TRIACS
logo
NXP Semiconductors
BT136 PHILIPS-BT136 Datasheet
45Kb / 6P
   Triacs
August 1997 Rev 1.200
BT136F PHILIPS-BT136F Datasheet
42Kb / 7P
   Triacs
February 1996 Rev 1.100
BT137 PHILIPS-BT137 Datasheet
47Kb / 6P
   Triacs
October 1997 Rev 1.200
BT137B PHILIPS-BT137B Datasheet
51Kb / 6P
   Triacs
October 1997 Rev 1.200
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com