Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TLMO1100 Datasheet(PDF) 5 Page - Vishay Siliconix

Part # TLMO1100
Description  Ultrabright 0603 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

TLMO1100 Datasheet(HTML) 5 Page - Vishay Siliconix

  TLMO1100 Datasheet HTML 1Page - Vishay Siliconix TLMO1100 Datasheet HTML 2Page - Vishay Siliconix TLMO1100 Datasheet HTML 3Page - Vishay Siliconix TLMO1100 Datasheet HTML 4Page - Vishay Siliconix TLMO1100 Datasheet HTML 5Page - Vishay Siliconix TLMO1100 Datasheet HTML 6Page - Vishay Siliconix TLMO1100 Datasheet HTML 7Page - Vishay Siliconix TLMO1100 Datasheet HTML 8Page - Vishay Siliconix TLMO1100 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
VISHAY
TLMB / G / O / P / S / Y1100
Document Number 83173
Rev. 1.8, 30-Aug-04
Vishay Semiconductors
www.vishay.com
5
Color Classification
Wavelengths are tested at a current pulse duration of 25 ms and an accuracy of ± 1 nm
Luminous Intensity Classification
Group Name on Label
One packing unit/tape contains only one classification group of luminous intensity, color and forward voltage
Only one single classification groups is not available
The given groups are not order codes, customer specific group combinations require marketing agreement
No color subgrouping for Super Red
Group
Dominant Wavelength (nm)
Blue
Pure Green
Green
Yellow
Orange
min
max
min
max
min
max
min
max
min
max
- 1
551
554
564
565
- 2
460
464
554
557
566
569
580
583
600
603
- 3
464
468
557
560
569
572
583
586
603
606
- 4
468
472
560
563
572
575
586
589
606
609
- 5
472
476
563
566
589
592
609
612
- 6
592
595
Group
Luminous Intensity (mcd)
min
max
Pa
4
6.3
Pb
5
8
Qa
6.3
10
Qb
8
12.5
Ra
10
16
Rb
12.5
20
Sa
16
25
Sb
20
32
Ta
25
40
Tb
32
50
Ua
40
63
Ub
50
80
Va
63
100
Vb
80
125
Wa
100
160
Wb
125
200
Luminous Intensity Group
Halfgroup
Wavelength
Forward Voltage
Qb
4
1


Similar Part No. - TLMO1100

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
TLMO1100 VISHAY-TLMO1100 Datasheet
189Kb / 15P
   Standard 0603 SMD LED
Rev. 2.2, 20-Jul-12
TLMO1100 VISHAY-TLMO1100 Datasheet
196Kb / 15P
   Standard 0603 SMD LED
Rev. 2.4, 04-Jun-13
TLMO1100 VISHAY-TLMO1100 Datasheet
196Kb / 15P
   Standard 0603 SMD LED
Rev. 2.4, 04-Jun-13
logo
HK TO-GRACE TECHNOLOGY ...
TLMO1100 TO-GRACE-TLMO1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
TLMO1100 TO-GRACE-TLMO1100 Datasheet
908Kb / 15P
   Standard 0603 SMD LED
More results

Similar Description - TLMO1100

ManufacturerPart #DatasheetDescription
logo
HK TO-GRACE TECHNOLOGY ...
VLMW11R2S2-5K8L-08 TO-GRACE-VLMW11R2S2-5K8L-08 Datasheet
705Kb / 8P
   Ultrabright 0603 SMD LED
logo
Vishay Siliconix
VLMW11 VISHAY-VLMW11 Datasheet
230Kb / 10P
   Ultrabright 0603 SMD LED
Rev. 1.2, 19-Sep-07
VLMW11R2S2-5K8L-08 VISHAY-VLMW11R2S2-5K8L-08 Datasheet
193Kb / 10P
   Ultrabright 0603 SMD LED
Rev. 1.2, 03-Nov-08
logo
Marktech Corporate
MT7183A-UR MARKTECH-MT7183A-UR Datasheet
146Kb / 2P
   3mm 25 Ultrabright Red LED
logo
Vishay Siliconix
VLHW4100YLWU VISHAY-VLHW4100YLWU Datasheet
131Kb / 5P
   Ultrabright White LED, 3 mm
Rev. 1.3, 24-May-13
VLHW4100 VISHAY-VLHW4100_V01 Datasheet
152Kb / 5P
   Ultrabright White LED, 횠 3 mm
01-Jan-2021
VLHW4100 VISHAY-VLHW4100 Datasheet
110Kb / 5P
   Ultrabright White LED, Ø 3 mm
Rev. 1.0, 13-Jul-10
logo
List of Unclassifed Man...
LLB33550 ETC-LLB33550 Datasheet
462Kb / 4P
   Ultrabright blue LED 3mm, 5000mcd, 35
logo
Vishay Siliconix
VLHW4400 VISHAY-VLHW4400 Datasheet
200Kb / 8P
   Ultrabright White LED, 횠 3 mm
01-Jan-2021
logo
List of Unclassifed Man...
L03R3000F1 ETC2-L03R3000F1 Datasheet
211Kb / 3P
   ULTRABRIGHT YELLOW
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com